전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

742792664 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 742792664
상세설명  WE-CBF SMD EMI Suppression Ferrite Bead
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

742792664 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  742792664 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792664 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792664 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792664 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792664 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792664 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792664 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4.3
4.2
4.1
4.0
3.0
2.0
REV
2012-10-23
2012-09-26
2012-06-26
2012-03-29
2011-05-02
2006-07-18
DATE
SSt
SSt
SSt
SSt
SSt/SMu
SSt
BY
SMu
SMu
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CBF SMD EMI Suppression Ferrite
Bead
Order.- No.
742792664
SIZE
A4
Size: 0603
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Impedance @ 100 MHz
Maximum impedance
Rated current
DC Resistance
Type
Test conditions
100 MHz
120 MHz
ΔT = 20K
Z
Z
IR
RDC
Value
1000
1100
300
0.60
High Speed
Unit
Ω
Ω
mA
Ω
Tol.
±25%
typ.
max.
max.
E General information:
Do not use this part beyond the Rated Current, as this will create
excessive heat and can harm the component
Storage Temperature (on Tape & Reel): -20°C to 60°C
Operating Temperature: -55°C to 125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 742792664

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
742792664 WURTH-742792664 Datasheet
562Kb / 7P
   WE-CBF SMT EMI Suppression Ferrite Bead
005.000
742792664 WURTH-742792664_V01 Datasheet
562Kb / 7P
   WE-CBF SMT EMI Suppression Ferrite Bead
005.000
More results

유사한 설명 - 742792664

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792410 WURTH-742792410 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792511 WURTH-742792511 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792514 WURTH-742792514 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792604 WURTH-742792604 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792642 WURTH-742792642 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279271 WURTH-74279271 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792692 WURTH-742792692 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279263 WURTH-74279263 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279267 WURTH-74279267 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com