전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST112027 데이터시트(PDF) 1 Page - E-SWITCH

부품명 ST112027
상세설명  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-SWITCH [E-SWITCH]
홈페이지  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST112027 데이터시트(HTML) 1 Page - E-SWITCH

  ST112027 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
1004P1T8B13M2REH
2:1
3/9/2006
ST112027
B
PH
1
1
WITHOUT LOCK RING
WITH LOCK RING
PANEL MOUNTING
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6,
8-9, 11-12
OPEN
2-1, 5-4,
8-7, 11-10
12.70
[.500 in]
10.54
[.415 in]
11.38
[.448 in]
18.00
[.709 in]
6.35
[.250 in]
1.27
[.050 in] TYP.
21.59
[.850 in]
1.65
[.065 in]
.79
[.031 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4VA @ 20VAC OR VDC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 M
min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANCE
12. HARDWARE TO BE SUPPLIED BULK:
T100012-LOCK WASHER QTY-1
T100003-LOCK RING
QTY-1
T100004-HEX NUT
QTY-2
A
15849
RELEASED FOR PRODUCTION
3/9/06
PH
15/32-32 UNS-2A
1
2
3
3
6
9
12
EPOXY
KEYWAY
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
34
5
67
8
910
11
12
CIRCUIT: 4PDT
.76
[.030 in]
4.70
[.185 in]
4.70
[.185 in]
6.09
[.240 in]
n
n11.91
[.469 in]
n3.81
[.150 in]
9.60
[.378 in]
n11.91
[.469 in]
.79
[.031 in]
1.65
[.065 in]
B
15895
EDIT SWITCH TO GOLD
3/23/06
PH


유사한 부품 번호 - ST112027

제조업체부품명데이터시트상세설명
logo
E-SWITCH
ST112024 E-SWITCH-ST112024 Datasheet
124Kb / 1P
   All Dimension In MM
ST112025 E-SWITCH-ST112025 Datasheet
129Kb / 1P
   All Dimension In MM
ST112026 E-SWITCH-ST112026 Datasheet
122Kb / 1P
   All Dimension In MM
ST112028 E-SWITCH-ST112028 Datasheet
130Kb / 1P
   All Dimension In MM
More results

유사한 설명 - ST112027

제조업체부품명데이터시트상세설명
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com