전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0730 데이터시트(PDF) 10 Page - Agilent(Hewlett-Packard)

부품명 HCPL-0730
상세설명  Dual Channel Low Input Current, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0730 데이터시트(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0730 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0730 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0730 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0730 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0730 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0730 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0730 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0730 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0730 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1-117
Package Characteristics
Device
Parameter
Symbol HCPL- Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
2500
V rms
RH
≤ 50%,
4, 9
Withstand Voltage**
t = 1 min.,
Option 020
2730
5000
4, 10
2731
Resistance
RI-O
1012
VI-O = 500 VDC
4
(Input-Output)
RH
≤ 45%
Capacitance
CI-O
0.6
pF
f = 1 MHz
11
(Input-Output)
Input-Input Insulation
II-I
0.005
µA
RH
≤ 45%
5
Leakage Current
VI-I = 500 VDC
Input-Input Insulation
RI-I
1011
5
Leakage Current
Capacitance
CI-I
2730
0.03
pF
5
(Input-Input)
2731
0730
0.25
0731
*All Typical values at T
A = 25°C unless otherwise noted.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if appli-
cable), your equipment level safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance
Voltage.”
Notes:
1. Pin 5 should be the most negative
voltage at the detector side.
2. Each channel.
3. DC CURRENT TRANSFER RATIO
(CTR) is defined as the ratio of output
collector current, IO, to the forward
LED input current, IF, times 100%.
4. Device considered a two-terminal
device: pins 1, 2, 3, and 4 shorted
together, and pins 5, 6, 7, and 8
shorted together.
5. Measured between pins 1 and 2
shorted together, and pins 3 and 4
shorted together.
6. Common mode transient immunity in a
Logic High level is the maximum
tolerable (positive) dVCM/dt of the
TA = 25°C
common mode pulse, VCM, to assure
that the output will remain in a Logic
High state (i.e., VO > 2.0 V). Common
mode transient immunity in a Logic
Low level is the maximum tolerable
(negative) dVCM/dt of the common
mode pulse, VCM, to assure that the
output will remain in a Logic Low state
(i.e., VO < 0.8 V).
7. In applications where dV/dt may
exceed 50,000 V/
µs (such as static
discharge) a series resistor, RCC,
should be included to protect the
detector IC from destructively high
surge currents. The recommended
value is RCC = 110 Ω.
8. Use of a 0.1
µF bypass capacitor
connected between pins 5 and 8
adjacent to the device is
recommended.
9. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
> 3000 V rms for 1 second (leakage
detection current limit, II-O < 5 µA).
10. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
> 6000 V rms for 1 second (leakage
detection current limit, II-O < 5 µA).
11. Measured between the LED anode and
cathode shorted together and pins 5
through 8 shorted together.
12. Derate linearly above 65
°C free-air
temperature at a rate of 2.3 mW/
°C for
the SO-8 package.


유사한 부품 번호 - HCPL-0730

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0730 AVAGO-HCPL-0730 Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0730R1 FAIRCHILD-HCPL-0730R1 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

유사한 설명 - HCPL-0730

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com