전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7800 데이터시트(PDF) 10 Page - Agilent(Hewlett-Packard)

부품명 HCPL-7800
상세설명  High CMR Isolation Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7800 데이터시트(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7800 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7800 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
1-225
Figure 3. Input-Referred Offset Drift
vs. VDD1 (VDD2 = 5 V).
Figure 4. Input-Referred Offset Drift
vs. VDD2 (VDD1 = 5 V).
Figure 5. Gain and Nonlinearity Test Circuit.
Figure 6. Gain Drift vs. Temperature.
Figure 7. Gain Drift vs.
VDD1 (VDD2 = 5 V).
Figure 8. Gain Drift vs.
VDD2 (VDD1 = 5 V).
Figure 9. 200 mV Nonlinearity Error
Plot.
400
200
0
-200
4.4
4.6
4.8
5.0
5.2
5.4
5.6
600
-600
V
– INPUT SUPPLY VOLTAGE – V
DD1
-400
MEAN
± 2 SIGMA
300
200
100
0
4.4
4.6
4.8
5.0
5.2
5.4
5.6
400
-200
V
– OUTPUT SUPPLY VOLTAGE – V
DD2
-100
MEAN
± 2 SIGMA
1
2
3
4
8
7
6
5
HCPL-7800
+5 V
+5 V
+15 V
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.33 µF
0.33 µF
10 K
10 K
-15 V
AD624CD
GAIN = 1
+
-
V OUT
0.01 µF
V
IN
1.5
1.0
0.5
0
-40
-20
0
20
40
60
80
-1.0
T – TEMPERATURE – °C
A
-0.5
MEAN
± 2 SIGMA
100
0.5
0
-0.5
-1.0
4.4
4.6
4.8
5.0
5.2
5.4
5.6
-2.0
V
– INPUT SUPPLY VOLTAGE – V
DD1
-1.5
MEAN
± 2 SIGMA
0.5
0.4
0.3
0.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
0
V
– OUTPUT SUPPLY VOLTAGE – V
DD2
0.1
MEAN
± 2 SIGMA
-0.1
0.3
0.2
0.1
0
-0.2
-0.1
0
0.1
0.2
-0.2
V
– INPUT VOLTAGE – V
IN
-0.1
-0.3
MEAN
± 2 SIGMA


유사한 부품 번호 - HCPL-7800

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7800 HP-HCPL-7800 Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800 AVAGO-HCPL-7800 Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

유사한 설명 - HCPL-7800

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HPCL7800 HP-HPCL7800 Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7820 HP-HCPL-7820 Datasheet
228Kb / 15P
   High CMR Analog Isolation Amplifiers
logo
List of Unclassifed Man...
284J ETC-284J Datasheet
38Kb / 1P
   High CMV, High Performance Isolation Amplifiers
logo
Intronics Power, Inc.
248J INTRONICS-248J Datasheet
1Mb / 6P
   High CMV, High Performance Isolation Amplifiers
logo
List of Unclassifed Man...
277 ETC1-277 Datasheet
67Kb / 1P
   Precision Isolation Amplifier High CMV/CMR,-5V Floating
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com