전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-5301-100 데이터시트(PDF) 9 Page - Agilent(Hewlett-Packard)

부품명 HCPL-5301-100
상세설명  Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5301-100 데이터시트(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5301-100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
common mode failure will occur.
Even if the LED momentarily
turns on, the 100 pF capacitor
from pins 6-5 will keep the
output from dipping below the
threshold. The recommended
LED drive circuit (Figure 13)
provides about 10 V of margin
between the lowest optocoupler
output voltage and a 3 V IPM
threshold during a 10 kV/
µs
transient with VCM = 1000 V.
Additional margin can be
obtained by adding a diode in
parallel with the resistor, as
shown by the dashed line connec-
tion in Figure 18, to clamp the
voltage across the LED below
VF(OFF).
Since the open collector drive
circuit, shown in Figure 19,
cannot keep the LED off during a
+dVCM/dt transient, it is not
desirable for applications
requiring ultra high CMRH
performance. Figure 20 is the AC
equivalent circuit for Figure 16
during common mode transients.
Essentially all the current flowing
through CLEDN during a +dVCM/dt
transient must be supplied by the
LED. CMRH failures can occur at
dv/dt rates where the current
through the LED and CLEDN
exceeds the input threshold.
Figure 21 is an alternative drive
circuit which does achieve ultra
high CMR performance by
shunting the LED in the off state.
IPM Dead Time and
Propagation Delay
Specifications
These devices include a
Propagation Delay Difference
specification intended to help
designers minimize “dead time” in
their power inverter designs.
Dead time is the time period
during which both the high and
low side power transistors (Q1
and Q2 in Figure 22) are off. Any
overlap in Q1 and Q2 conduction
will result in large currents
flowing through the power
devices between the high and low
voltage motor rails.
To minimize dead time the
designer must consider the
propagation delay characteristics
of the optocoupler as well as the
characteristics of the IPM IGBT
gate drive circuit. Considering
only the delay characteristics of
the optocoupler (the character-
istics of the IPM IGBT gate drive
circuit can be analyzed in the
same way) it is important to
know the minimum and maximum
turn-on (tPHL) and turn-off (tPLH)
propagation delay specifications,
preferably over the desired
operating temperature range.
The limiting case of zero dead
time occurs when the input to Q1
turns off at the same time that the
input to Q2 turns on. This case
determines the minimum delay
between LED1 turn-off and LED2
turn-on, which is related to the
worst case optocoupler propaga-
tion delay waveforms, as shown
in Figure 23. A minimum dead
time of zero is achieved in Figure
23 when the signal to turn on
LED2 is delayed by (tPLH max -
tPHL min) from the LED1 turn off.
This delay is the maximum value
for the propagation delay
difference specification which is
specified at 500 ns for the
HCPL-530X over an operating
temperature range of -55
°C to
+125
°C.
Delaying the LED signal by the
maximum propagation delay
difference ensures that the mini-
mum dead time is zero, but it
does not tell a designer what the
maximum dead time will be. The
maximum dead time occurs in the
highly unlikely case where one
optocoupler with the fastest tPLH
and another with the slowest tPHL
are in the same inverter leg. The
maximum dead time in this case
becomes the sum of the spread in
the tPLH and tPHL propagation
delays as shown in Figure 24. The
maximum dead time is also
equivalent to the difference
between the maximum and
minimum propagation delay
difference specifications. The
maximum dead time (due to the
optocouplers) for the HCPL-530X
is 670 ns (= 500 ns - (-170 ns))
over an operating temperature
range of -55
°C to +125°C.


유사한 부품 번호 - HCPL-5301-100

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5301 HP-HCPL-5301 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5301 AVAGO-HCPL-5301 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5301 AVAGO-HCPL-5301 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5301 BOARDCOM-HCPL-5301 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

유사한 설명 - HCPL-5301-100

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com