전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744761033A 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744761033A
상세설명  Spezifikation f체r Freigabe / specification for release
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744761033A 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744761033A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
Größe / size 0603
A
1,6 ± 0,2
mm
B
1,05 ± 0,2
mm
C
1,05 ± 0,2
mm
D
0,5 ref.
mm
F
0,35 ± 0,1
mm
H
1,0
mm
I
0,625
mm
J
0,65
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
Güte Q /
Q factor
Güte Q /
Q factor
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Eigenres.-Frequenz /
self-res.-frequency
60 … 70%
25°C
Keramik/ ceramic
AWe
Version 1
04-10-11
Name
Änderung / modification
Datum / date
Umgebungstemperatur / ambient temperature: -40°C ~ + 110°C
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
G Eigenschaften / general specifications:
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
900 MHz
Q
63
typ.
Testbedingungen /
test conditions
Lagerbedingungen / storage conditions: -10°C~ + 40°C
30 ~ 70% RH
F Werkstoffe & Zulassungen / material & approvals:
Kontaktmaterial / contact plating:
Mo/Mn + Ni + Au
Basismaterial / base material:
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2004-10-11
max.
mA
Datum / date
.........................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Betriebstemperatur / operating temperature: -40°C ~ +125°C
Kunde / customer
Freigabe erteilt / general release:
.....................................................
..........................................................
................................................................................
Kunde / customer :
744761033A
Keramik-SMD-Induktivität WE-KI
Ceramic-SMD-Inductor WE-KI
Artikelnummer / part number :
A Mechanische Abmessungen / dimensions:
0,06
±0,2nH
3,3
nH
ENA 5071B für/for SRF
Q
22
IDC
D Prüfgeräte / test equipment:
Agilent 4287A + HP 16193A für/for L und/and Q
HP 4338B für/for RDC
HP 4285A + 42841A + 42842C + 42851-6110 für/for IDC
700
Würth Elektronik
250 MHz
∆T = 15 K
250 MHz
min.
RDC
min.
L
max.
5800
MHz
SRF
I
J
I
H
A
F
B
D
C
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such
as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information
network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general
electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed
before use. It is essential to give consideration when to install a protective circuit at the design stage
RoHS
compliant
LF
SEITE 1 VON 1


유사한 부품 번호 - 744761033A

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744761036A WURTH-744761036A Datasheet
488Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
003.000
744761039A WURTH-744761039A Datasheet
488Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
logo
List of Unclassifed Man...
744761039C ETC2-744761039C Datasheet
947Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
logo
Wurth Elektronik GmbH &...
744761039C WURTH-744761039C Datasheet
278Kb / 5P
   Test conditions of Electrical Properties: 20째C, 33% RH if not specified differently
More results

유사한 설명 - 744761033A

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744771147W WURTH-744771147W Datasheet
238Kb / 3P
   Spezifikation f체r Freigabe / specification for release
7490220121 WURTH-7490220121 Datasheet
200Kb / 3P
   Spezifikation f체r Freigabe / specification for release
74402900033 WURTH-74402900033 Datasheet
320Kb / 3P
   Spezifikation f체r Freigabe / specification for release
logo
List of Unclassifed Man...
30-410 ETC-30-410 Datasheet
186Kb / 2P
   Spezifikation f체r Freigabe / specification for release
logo
Wurth Elektronik GmbH &...
749118215 WURTH-749118215 Datasheet
120Kb / 2P
   Spezifikation f체r Freigabe specification for release
74407000018 WURTH-74407000018 Datasheet
121Kb / 3P
   Spezifikation f체r Freigabe / specification for release
749118115 WURTH-749118115 Datasheet
124Kb / 2P
   Spezifikation f체r Freigabe specification for release
74402800033 WURTH-74402800033 Datasheet
320Kb / 3P
   Spezifikation f체r Freigabe / specification for release
logo
List of Unclassifed Man...
742792115 ETC2-742792115 Datasheet
148Kb / 2P
   Spezifikation f체r Freigabe / specification for release
logo
Wurth Elektronik GmbH &...
7490220122 WURTH-7490220122 Datasheet
216Kb / 3P
   Spezifikation f체r Freigabe / specification for release
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com