전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5640S7X 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN5640S7X
상세설명  FAN5640 Dual High-Side Constant Current Source for High-Voltage Keypad LED Illumination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5640S7X 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN5640S7X Datasheet HTML 1Page - Fairchild Semiconductor FAN5640S7X Datasheet HTML 2Page - Fairchild Semiconductor FAN5640S7X Datasheet HTML 3Page - Fairchild Semiconductor FAN5640S7X Datasheet HTML 4Page - Fairchild Semiconductor FAN5640S7X Datasheet HTML 5Page - Fairchild Semiconductor FAN5640S7X Datasheet HTML 6Page - Fairchild Semiconductor FAN5640S7X Datasheet HTML 7Page - Fairchild Semiconductor FAN5640S7X Datasheet HTML 8Page - Fairchild Semiconductor FAN5640S7X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5640 • Rev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VEN
Enable Voltage
-0.3
6.0
V
VIN, VIOUT1, VIOUT2
-0.3
22.0
V
IRSET
Current Sourced by RSET
120
A
TJ
Junction Temperature
-40
150
°C
TSTG
Storage Temperature
-65
150
°C
TL
Lead Soldering Temperature, 10 Seconds
260
°C
ESD
Electrostatic Discharge Protection Level
Human Body Model
2
kV
Charged Device Model
2
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIN
Supply Voltage
6
20
V
VEN
Enable Voltage
5.5
V
IOUT1, IOUT2
Output Current Range Through Each String
2.5
25.0
mA
TA
Operating Ambient Temperature Range
(1)
-40
+85
°C
TJ
Operating Junction Temperature Range
(1)
-40
+125
°C
Thermal Properties
Symbol
Parameter
Min.
Typ.
Max.
Unit
ΘJA
Junction to Ambient Thermal Resistance
(1)
300
°C/W
Note:
1.
Junction-to-Ambient thermal resistance is a function of application and board layout. This data is measured with
four-layer, 1s2p boards in accordance with JESD51- JEDEC standard. Special attention must be paid not to
exceed the maximum junction temperature.


유사한 부품 번호 - FAN5640S7X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
FAN5645MPX FAIRCHILD-FAN5645MPX Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
FAN5646 FAIRCHILD-FAN5646 Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5646S700X FAIRCHILD-FAN5646S700X Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5646S700X FAIRCHILD-FAN5646S700X_11 Datasheet
554Kb / 4P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
More results

유사한 설명 - FAN5640S7X

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
LXH7-FW30 LUMILEDS-LXH7-FW30 Datasheet
1Mb / 19P
   High-Efficacy, Illumination Grade LED light source
logo
ON Semiconductor
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
   LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
NCP1360 ONSEMI-NCP1360_V01 Datasheet
1Mb / 31P
   Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller with/without High Voltage Startup Current Source
March, 2022 - Rev. 8
logo
Suzhou Juyuan Microelec...
PL3536 PMICRO-PL3536 Datasheet
278Kb / 8P
   High-precision constant voltage/constant current, primary side control
V1.0
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
   Constant current source
2001 May 07
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com