전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP16XX 데이터시트(Datasheet) 5 Page - Agilent(Hewlett-Packard)

부품명 HLMP16XX
상세내용  T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo 

   
 5 page
background image
5
Figure 5. Relative Luminous Intensity vs. Angular
Displacement for T-13/4 Package.
Figure 4. Relative Luminous Intensity vs. Angular
Displacement for T-1 Package.
Figure 1. Forward Current vs. Applied Forward Voltage.
5 Volt Devices.
Figure 2. Forward Current vs. Applied Forward Voltage.
12 Volt Devices.
Figure 4. Maximum Allowed Applied Forward Voltage vs.
Ambient Temperature R
θ
JA = 175°C/W. 12 Volt Devices.
Figure 3. Maximum Allowed Applied Forward Voltage vs.
Ambient Temperature R
θ
JA = 175°C/W. 5 Volt Devices.




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MR3050INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES 1 2 3 QT Optoelectronics
MR5060INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES 1 2 3 QT Optoelectronics
MVL-564BGT-1 3/4 f5mm InGaN LED LAMPs 1 2 Unity Opto Technology
MVL-5C4SGT-1 3/4 f5mm InGaN LED LAMPs 1 2 Unity Opto Technology
MT620-RSTANDARD T-1 3/4 LOW CURRENT LED LAMPS 1 Marktech Corporate
BR-HG033-05VSURFACE MOUNT RESISTOR CHIP LED LAMPS 1 Yellow Stone Corp
HLMP-DB25-B00XXT-1 3/4 5 mm T-1 3 mm Blue LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-564BST-1 3/4 f5mm InGaN LED LAMPs 1 2 Unity Opto Technology
MVL-5C4SOT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
L493ITT-1 3/4 5mm CYLINDRICAL LED LAMPS 1 2 3 4 5 List of Unclassifed Manufacturers

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl