전자부품 데이터시트 검색엔진 |
|
HLMP-S201 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-S201 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 4 page 1-155 Figure 1. Relative Intensity vs. Wavelength. Notes: 1. θ 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. The dominant wavelength, λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and ηv is the luminous efficacy in lumens/watt. 4. Please refer to Application Note 1061 for information comparing standard green and emerald green light output degradation. Sym. Description Device HLMP- Min. Typ. Max. Units Test Conditions η V Luminous AlGaAs Red 80 Efficacy High Efficiency Red 145 Orange 380 lumens/ See Note 3 Yellow 500 watt Green 595 Emerald Green 656 Electrical/Optical Characteristics at TA = 25°C (cont’d) Green/ AlGaAs High Efficiency Emerald Parameter Red Red/Orange Yellow Green Units Peak Forward Current 300 90 60 90 mA Average Forward Current[1] 20 25 20 25 mA DC Current[2] 30 30 20 30 mA Transient Forward Current[3] 500 mA (10 µsec Pulse) LED Junction Temperature 110 110 110 110 °C Operating Temperature Range -20 to +100 -20 to +100 -55 to +100 -55 to +100 °C Storage Temperature Range -55 to +100 -55 to +100 Lead Soldering Temperature [1.6 mm (0.063 in.) below 260 °C for 5 seconds seating plane] Notes: 1. See Figure 5 to establish pulsed operating conditions. 2. For AlGaAs Red, Red, Orange, and Green series derate linearly from 50 °C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.34 mA/ °C. 3. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and wire bond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the Absolute Maximum Ratings. Absolute Maximum Ratings at TA = 25°C ORANGE AlGaAs RED HIGH EFFICIENCY RED WAVELENGTH – nm 1.0 0.5 0 500 550 600 650 700 750 YELLOW EMERALD GREEN HIGH PERFORMANCE GREEN T = 25 ° C A |
유사한 부품 번호 - HLMP-S201 |
|
유사한 설명 - HLMP-S201 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |