전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8425 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA8425
상세설명  Hi-fi stereo audio processor; I2C-bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8425 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA8425 Datasheet HTML 3Page - NXP Semiconductors TDA8425 Datasheet HTML 4Page - NXP Semiconductors TDA8425 Datasheet HTML 5Page - NXP Semiconductors TDA8425 Datasheet HTML 6Page - NXP Semiconductors TDA8425 Datasheet HTML 7Page - NXP Semiconductors TDA8425 Datasheet HTML 8Page - NXP Semiconductors TDA8425 Datasheet HTML 9Page - NXP Semiconductors TDA8425 Datasheet HTML 10Page - NXP Semiconductors TDA8425 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
October 1988
7
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
Truth tables
Truth tables for the switch functions
Table 3
Source selector
Table 4
Pseudo stereo/spatial stereo/linear stereo/forced mono
Table 5
Mute
Notes
1. Pseudo stereo function is not possible in this mode.
2. Where: POR = Power-ON Reset.
Truth tables for the volume, bass and treble controls
Table 6
Volume control
function
ML1
ML0
IS
channel
stereo
1
1
0
1
stereo
1
1
1
2
sound A
0
1
0
1
sound B
1
0
0
1
sound A
0
1
1
2
sound B
1
0
1
2
choice
STL
EFL
spatial stereo
1
1
linear stereo
1
0
pseudo stereo
0
1
forced mono(1)
00
mute
MU
active; automatic
after POR(2)
1
not active
0
2 dB/step
(dB)
V
× 5V × 4V × 3V × 2V × 1V × 0
6
1
1
1
111
4
1
1
1
110
−62
0
1
1101
−64
0
1
1100
≤−80
0
1
1011
≤−80
0
0
0000


유사한 부품 번호 - TDA8425

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
More results

유사한 설명 - TDA8425

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com