전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8425 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA8425
상세설명  Hi-fi stereo audio processor; I2C-bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8425 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA8425 Datasheet HTML 6Page - NXP Semiconductors TDA8425 Datasheet HTML 7Page - NXP Semiconductors TDA8425 Datasheet HTML 8Page - NXP Semiconductors TDA8425 Datasheet HTML 9Page - NXP Semiconductors TDA8425 Datasheet HTML 10Page - NXP Semiconductors TDA8425 Datasheet HTML 11Page - NXP Semiconductors TDA8425 Datasheet HTML 12Page - NXP Semiconductors TDA8425 Datasheet HTML 13Page - NXP Semiconductors TDA8425 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
October 1988
10
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Note
1. Human body model: C = 100 pF, R = 1.5 k
Ω and V ≥ 4 kV;
charge device model: C = 200 pF, R = 0
Ω and V ≥ 500 V.
DC CHARACTERISTICS
VCC = 12 V; Tamb =25 °C; unless otherwise specified
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VCC
016
V
Voltage range for pins with external capacitors
Vcap
0VCC
V
Voltage range for pins 11 and 12
VSDA, SCL
0VCC
V
Voltage range at pins 1, 3, 9, 11, 12, 13, 18 and 20
VI/O
0VCC
V
Output current at pins 9 and 13
IO
45
mA
Total power dissipation at Tamb < 70 °CPtot
450
mW
Operating ambient temperature range
Tamb
070
°C
Storage temperature range
Tstg
−25
+150
°C
Electrostatic handling, classification A(1)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VCC
10.8
12.0
13.2
V
Supply current
at VCC = 12 V
ICC
26
35
mA
Internal reference voltage
Vref
5.4
0.5
× VCC
6.6
V
Internal voltage
at pins 1, 3, 18 and 20
DC voltage internally generated;
capacitive coupling recommended
Vl
VREF
V
Internal voltage
at pins 9 and 13
VO
VREF
V
SDA; SCL (pins 11 and 12)
input voltage HIGH
VIH
3.0
VCC
V
input voltage LOW
VIL
−0.3
1.5
V
input current HIGH
IIH
−−
+10
µA
input current LOW
IIL
−10
−−
µA
Output voltage at pins
with external capacitors
pins 6 to 8, 14 to 17, 19,
Vcap.n
VREF
V
pin 2
Vcap.2
VCC−0.3
V


유사한 부품 번호 - TDA8425

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
More results

유사한 설명 - TDA8425

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com