전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST221022 데이터시트(PDF) 1 Page - E-SWITCH

부품명 ST221022
상세설명  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-SWITCH [E-SWITCH]
홈페이지  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST221022 데이터시트(HTML) 1 Page - E-SWITCH

  ST221022 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200MDP1T1B1M2QEH
12/28/2006
ST221022
B
TN
1
1
PCB MOUNTING
1
2
3
4
5
6
4
5
6
6
3
8.13
[.320 in]
9.14
[.360 in]
25~
POS. 1
POS. 3
2
1
3
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
OPEN
2-1, 5-4
A
16809
RELEASED FOR PRODUCTION
12/28/06
TN
NOTE:
1. ALL DIMENSIONS IN mm [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 3 AMPS @ 120VAC OR 28VDC;
1 AMPS @ 250VAC
6. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK
T200001 - HEXNUT - QTY 2
T200000 - LOCKWASHER - QTY 1
T200002 - LOCKRING - QTY 1
E-LOGO ON
OPPOSITE SIDE
CIRCUIT DIAGRAM: DPDT
n2.54
[.100 in]
3.30
[.130 in]
5
4
6
5.59
[.220 in]
.51
[.020 in]
8.64
[.340 in]
1/4-48 UNS-2A
THREADS
4.39
[.173 in] FLAT
n6.00
[.236 in]
9.37
[.369 in]
2.54
[.100 in]
.51
[.020 in]
5.08
[.200 in]
.76
[.030 in]
EPOXY SEAL
2.54
[.100 in]
5.08
[.200 in]
n1.09
[.043 in]
B
20601
ADDED TERMINAL NUMBERS
05/10/12
drg


유사한 부품 번호 - ST221022

제조업체부품명데이터시트상세설명
logo
E-SWITCH
ST221004 E-SWITCH-ST221004 Datasheet
72Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST221011 E-SWITCH-ST221011 Datasheet
115Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST221015 E-SWITCH-ST221015 Datasheet
98Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST221034 E-SWITCH-ST221034 Datasheet
115Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST221036 E-SWITCH-ST221036 Datasheet
101Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

유사한 설명 - ST221022

제조업체부품명데이터시트상세설명
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com