전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC74 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74VHC74
상세설명  Dual D-Type Flip-Flop with Preset and Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC74 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74VHC74 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
AC Electrical Characteristics
Note:
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained from the equation:
ICC (opr.) = CPD • VCC • fIN + ICC / 2 (per F/F).
AC Operating Requirements
Note:
4. VCC is 3.3 ± 0.3V or 5.0 ± 0.5V
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
3.3 ± 0.3
CL = 15pF
80
125
70
MHz
CL = 50pF
50
75
45
5.0 ± 0.5
CL = 15pF
130
170
110
CL = 50pF
90
115
75
tPLH, tPHL Propagation Delay
Time (CK-Q, Q)
3.3 ± 0.3
CL = 15pF
6.7
11.9
1.0
14.0
ns
CL = 50pF
9.2
15.4
1.0
17.5
5.0 ± 0.5
CL = 15pF
4.6
7.3
1.0
8.5
CL = 50pF
6.1
9.3
1.0
10.5
tPLH, tPHL Propagation Delay
Time (CLR, PR -Q, Q)
3.3 ± 0.3
CL = 15pF
7.6
12.3
1.0
14.5
ns
CL = 50pF
10.1
15.8
1.0
18.0
5.0 ± 0.5
CL = 15pF
4.8
7.7
1.0
9.0
CL = 50pF
6.3
9.7
1.0
11.0
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(3)
25
pF
Symbol
Parameter
VCC (V)
(4)
TA = 25°C
TA = –40°C
to +85°C
Units
Typ.
Guaranteed
Minimum
tW(L), tW(H)
Minimum Pulse Width (CK)
3.3
6.0
7.0
ns
5.0
5.0
5.0
tW(L)
Minimum Pulse Width (CLR, PR)
3.3
6.0
7.0
ns
5.0
5.0
5.0
tS
Minimum Setup Time
3.3
6.0
7.0
ns
5.0
5.0
5.0
tH
Minimum Hold Time
3.3
0.5
0.5
ns
5.0
0.5
0.5
tREC
Minimum Recovery Time (CLR, PR)
3.3
5.0
5.0
ns
5.0
3.0
3.0
74VHC74 Rev. 1.3.1
5


유사한 부품 번호 - 74VHC74

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
74VHC74 MOTOROLA-74VHC74 Datasheet
153Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
logo
STMicroelectronics
74VHC74 STMICROELECTRONICS-74VHC74 Datasheet
75Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
80Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHC74 STMICROELECTRONICS-74VHC74 Datasheet
449Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
More results

유사한 설명 - 74VHC74

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com