전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSC3300-BI 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 LSC3300-BI
상세설명  14 Pin DIL Uncooled Laser Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC3300-BI 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  LSC3300-BI Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC3300-BI Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC3300-BI Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC3300-BI Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC3300-BI Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC3300-BI Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC3300-BI Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
484
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided
each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time.
Limits
Parameter
Symbol
Conditions
Min.
Max.
Units
Laser Forward Current
If
DC
-
150
mA
Laser Reverse Current
Ir
DC
-
100
µA
Laser Reverse Voltage
Vlr
DC
-
2
V
Photodiode Reverse Voltage
Vr
DC
-
10
V
Photodiode Forward Current
Ipf
DC
-
1
mA
Operating Temperature
Tc
Pf min.
-40
+85
°C
Storage Temperature
Ts
-40
+85
°C
Relative Humidity
RH
0.0
non-
%RH
condensing
Fiber Pull Strength
-
10
N
Mechanical Shock
Mil Std 883D, Method 2002,
Condition B
Vibration
Mil Std 883D, Method 2007,
Condition A
Performance Specifications
LSC3300
LSC3100
Parameter
Symbol
Conditions
Min.
Max.
Min.
Max.
Units
LASER
CW, Tc = 25
°C, Pf = Pf min.
unless otherwise stated
Threshold Current
Ith
5
35
5
35
mA
Peak Optical
Pf
100
-
1000
-
µW
Output Power
Optical Output
Pth
Pth = Pf @ Ith -2 mA
-
10
-
50
µW
Power
Slope Efficiency
η
4
16
40
100
µW/mA
Forward Voltage
Vf
-
1.8
-
1.8
V
Differential
Rd
dV/dI
-
10
-
10
Resistance
Centre Wavelength
λc
Note 1
1280
1330
1280
1330
nm
Ic Change with
∆λ/∆T
Tc = -40
°C to 85°C
-
0.5
-
0.5
nm/
°C
Temperature
Linewidth
∆λ
FWHM (2.35s)
-
5
-
5
nm
Rise Time
τr
10% to 90%: Ith to Pf = Pf min.
-
0.5
-
0.5
ns
Fall Time
τf
90% to 10%: Pf = Pf min. to Ith
-
0.5
-
0.5
ns
Small Signal
Bw
Pf = Pf min.,
± 3 dB
1.0
-
1.0
-
GHz
Freq. Response
Note:
1. Modulated measurement available.
If the specific performance you require is not met by the above parameters, please contact Hewlett-Packard as the submodule
designs allows customization of performance to meet your needs.


유사한 부품 번호 - LSC3300-BI

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
   The information described in this specification is preliminary and can be changed without prior notice
logo
Dialight Corporation
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX_12 Datasheet
177Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSC3C4M3GEX DIALIGHT-LSC3C4M3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
logo
Honeywell Solid State E...
LSC3K HONEYWELL-LSC3K Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

유사한 설명 - LSC3300-BI

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
LSCX110 HP-LSCX110 Datasheet
156Kb / 8P
   1 mW 14 Pin DIL Cooled Laser Modules
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
logo
Roithner LaserTechnik G...
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
EUROQUARTZ limited
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
   14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
EMW38GT EUROQUARTZ-EMW38GT Datasheet
346Kb / 1P
   CMOS 14 pin DIL compatible,
ZY2000 EUROQUARTZ-ZY2000 Datasheet
75Kb / 1P
   MIL Compliant/14 pin DIL
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com