전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4505DY-T1 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI4505DY-T1
상세설명  N- and P-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4505DY-T1 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI4505DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4505DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4505DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4505DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4505DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI4505DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI4505DY-T1 Datasheet HTML 7Page - Vishay Siliconix SI4505DY-T1 Datasheet HTML 8Page - Vishay Siliconix SI4505DY-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si4505DY
Document Number: 71826
S09-0868-Rev. C, 18-May-09
www.vishay.com
1
N- and P-Channel MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Level Shift
Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
N-Channel
30
0.018 at VGS = 10 V
7.8
0.027 at VGS = 4.5 V
6.4
P-Channel
- 8
0.042 at VGS = - 4.5 V
- 5.0
0.060 at VGS = - 2.5 V
- 4.0
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information:Si4505DY-T1-E3 (Lead (Pb)-free)
Si4505DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
G1
S1
D1
S2
G2
D2
Notes:
a. Surface Mounted on FR4 board.
b. t
≤ 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
10 s
Steady State
10 s
Steady State
Drain-Source Voltage
VDS
30
- 8
V
Gate-Source Voltage
VGS
± 20
± 8
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
7.8
6.0
- 5.0
- 3.8
A
TA = 70 °C
6.0
5.2
- 3.6
- 3.0
Pulsed Drain Current
IDM
30
- 30
Continuous Source Current (Diode Conduction)a, b
IS
1.8
1.0
- 1.8
- 1.0
Maximum Power Dissipationa, b
TA = 25 °C
PD
21.20
2
1.2
W
TA = 70 °C
1.3
0.75
1.3
0.75
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
50
62.5
50
62.5
°C/W
Steady State
85
105
85
105
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40
30
40


유사한 부품 번호 - SI4505DY-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4505DY VISHAY-SI4505DY Datasheet
65Kb / 8P
   N- and P-Channel MOSFET
Rev. A, 17-Jun-02
More results

유사한 설명 - SI4505DY-T1

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
KI4505DY KEXIN-KI4505DY Datasheet
57Kb / 2P
   N- and P-Channel MOSFET
logo
Vishay Siliconix
SI4505DY VISHAY-SI4505DY Datasheet
65Kb / 8P
   N- and P-Channel MOSFET
Rev. A, 17-Jun-02
logo
Guangdong Kexin Industr...
KI4503DY KEXIN-KI4503DY Datasheet
57Kb / 2P
   N- and P-Channel MOSFET
logo
Vishay Siliconix
SI4503DY VISHAY-SI4503DY Datasheet
62Kb / 7P
   N- and P-Channel MOSFET
Rev. B, 17-Jun-02
logo
Shanghai Leiditech Elec...
LM6L3PN02 LEIDITECH-LM6L3PN02 Datasheet
2Mb / 6P
   N-Channel and P-Channel MOSFET
LM6T20V3 LEIDITECH-LM6T20V3 Datasheet
1Mb / 6P
   N-Channel and P-Channel MOSFET
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115 Datasheet
66Kb / 6P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
International Rectifier
IRF7343PBF IRF-IRF7343PBF_15 Datasheet
225Kb / 10P
   DUAL N AND P CHANNEL MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
   N-Ch and P-Channel MOSFET
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
   Complementary (N- and P-Channel) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com