전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP10N60C 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FQP10N60C
상세설명  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP10N60C 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FQP10N60C Datasheet HTML 2Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 3Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 4Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 5Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 6Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 7Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 8Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 9Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Rev. B, October 2003
©2003 Fairchild Semiconductor Corporation
Package Dimensions (Continued)
(7.00)
(0.70)
MAX1.47
#1
10.16
±0.20
(1.00x45
°)
2.54
±0.20
0.80
±0.10
9.40
±0.20
2.76
±0.20
0.35
±0.10
ø3.18
±0.10
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
0.50
+0.10
–0.05
TO-220F
Dimensions in Millimeters


유사한 부품 번호 - FQP10N60C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQP10N60C FAIRCHILD-FQP10N60C Datasheet
835Kb / 10P
   600V N-Channel MOSFET
FQP10N60C FAIRCHILD-FQP10N60C Datasheet
1,020Kb / 10P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQP10N60C KERSEMI-FQP10N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP10N60C ISC-FQP10N60C Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP10N60CF FAIRCHILD-FQP10N60CF Datasheet
934Kb / 10P
   600V N-Channel MOSFET
More results

유사한 설명 - FQP10N60C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com