전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74FCT273T 데이터시트(PDF) 4 Page - Integrated Device Technology

부품명 74FCT273T
상세설명  FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT273T 데이터시트(HTML) 4 Page - Integrated Device Technology

  74FCT273T Datasheet HTML 1Page - Integrated Device Technology 74FCT273T Datasheet HTML 2Page - Integrated Device Technology 74FCT273T Datasheet HTML 3Page - Integrated Device Technology 74FCT273T Datasheet HTML 4Page - Integrated Device Technology 74FCT273T Datasheet HTML 5Page - Integrated Device Technology 74FCT273T Datasheet HTML 6Page - Integrated Device Technology 74FCT273T Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
4
IDT54/74FCT273T/AT/CT
FASTCMOSOCTALDFLIP-FLOPWITHMASTERRESET
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
VCC = Max.
0.5
2
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
0.15
0.25
mA/
Current(4)
Outputs Open
VIN = GND
MHz
MR = VCC
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
1.5
3.5
mA
Outputs Open
VIN = GND
fCP = 10MHz
50% Duty Cycle
MR = VCC
VIN = 3.4V
2
5.5
One Bit Toggling
VIN = GND
fi = 5MHz
50% Duty Cycle
VCC = Max.
VIN = VCC
3.8
7.3(5)
Outputs Open
VIN = GND
fCP = 10MHz
50% Duty Cycle
MR = VCC
VIN = 3.4V
6
16.3(5)
Eight Bits Toggling
VIN = GND
fi = 2.5MHz
50% Duty Cycle
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input; (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of
∆ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2+ fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Output Frequency
Ni = Number of Outputs at fi
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS


유사한 부품 번호 - 74FCT273T

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
74FCT273T IDT-74FCT273T Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273T IDT-74FCT273T Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

유사한 설명 - 74FCT273T

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT521CTQG IDT-74FCT521CTQG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273 IDT-IDT74FCT273 Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com