전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74FCT273CT 데이터시트(PDF) 2 Page - Integrated Device Technology

부품명 74FCT273CT
상세설명  FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT273CT 데이터시트(HTML) 2 Page - Integrated Device Technology

  74FCT273CT Datasheet HTML 1Page - Integrated Device Technology 74FCT273CT Datasheet HTML 2Page - Integrated Device Technology 74FCT273CT Datasheet HTML 3Page - Integrated Device Technology 74FCT273CT Datasheet HTML 4Page - Integrated Device Technology 74FCT273CT Datasheet HTML 5Page - Integrated Device Technology 74FCT273CT Datasheet HTML 6Page - Integrated Device Technology 74FCT273CT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
2
IDT54/74FCT273T/AT/CT
FASTCMOSOCTALDFLIP-FLOPWITHMASTERRESET
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Pin Names
Description
Dx
Data Inputs
MR
Master Reset (Active LOW)
C P
Clock Pulse Input (Active Rising Edge)
Ox
Data Outputs
PIN DESCRIPTION
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
LCC
TOP VIEW
CERDIP/ SOIC/ SSOP/ QSOP
TOP VIEW
FUNCTION TABLE(1)
Inputs
Outputs
Operating Mode
MR
CP
Dx
Ox
Reset(Clear)
L
X
X
L
Load "1"
L
hH
Load "0"
H
lL
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
8
9
10
D1
O0
D0
VCC
O1
D3
O2
D2
O3
GND
O7
O6
D7
D6
O5
O4
D5
D4
CP
MR
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
O6
D7
D6
O5
D5
INDEX
D1
O1
D3
O2
D2
NOTE:
1. H = HIGH voltage level steady state
h = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock
transition
L = LOW voltage level steady state
I = LOW voltage level one set-up time prior to the LOW-to-HIGH clock
transition
X = Don’t Care
↑ = LOW-to-HIGH Clock Transition


유사한 부품 번호 - 74FCT273CT

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
74FCT273CT IDT-74FCT273CT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273CT IDT-74FCT273CT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

유사한 설명 - 74FCT273CT

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT521CTQG IDT-74FCT521CTQG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273 IDT-IDT74FCT273 Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com