전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-S300-G0002 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard)

부품명 HLMP-S300-G0002
상세설명  2 mm x 5 mm Rectangular LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-S300-G0002 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-S300-G0002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-S300-G0002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-S300-G0002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-S300-G0002 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1-153
H
Features
• Rectangular Light Emitting
Surface
• Excellent for Flush
Mounting on Panels
• Choice of Five Bright Colors
• Long Life: Solid State
Reliability
• Excellent Uniformity of
Light Output
Description
The HLMP-S100, -S200, -S300,
-S400, -S500, S600 are epoxy
encapsulated lamps in
rectangular packages which are
easily stacked in arrays or used
for discrete front panel
indicators. Contrast and light
uniformity are enhanced by a
special epoxy diffusion and
tinting process.
The HLMP-S100 uses double
heterojunction (DH) absorbing
substrate (AS) aluminum gallium
arsenide (AlGaAs) LEDs to
produce outstanding light output
2 mm x 5 mm Rectangular
LED Lamps
Technical Data
HLMP-S100
HLMP-S20X Series
HLMP-S30X Series
HLMP-S40X Series
HLMP-S50X Series
HLMP-S600
Package Dimensions
5964-9379E


유사한 부품 번호 - HLMP-S300-G0002

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-S300 HP-HLMP-S300 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
More results

유사한 설명 - HLMP-S300-G0002

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
   2 mm x 5 mm Rectangular AlInGaP Lamps
logo
List of Unclassifed Man...
L-117 ETC-L-117 Datasheet
119Kb / 4P
   2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-08XX HP-HLMP-08XX Datasheet
159Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com