전자부품 데이터시트 검색엔진 |
|
HLMP-1790B0002 데이터시트(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HLMP-1790B0002 데이터시트(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 10 page 4 Electrical/Optical Characteristics at TA = 25°C Test Symbol Description T-13/4 T-1 Min. Typ. Max. Units Conditions VF Forward Voltage 4700 1700 1.7 2.0 V 2 mA 4719 1719 1.8 2.5 4740 1790 1.9 2.2 VR Reverse Breakdown 4700 1700 5.0 V IR = 50 µA Voltage 4719 1719 5.0 4740 1790 5.0 λ d Dominant 4700 1700 626 nm Note 1 Wavelength 4719 1719 585 4740 1790 569 ∆λ 1/2 Spectral Line 4700 1700 40 nm Halfwidth 4719 1719 36 4740 1790 28 τ S Speed of Response 4700 1700 90 ns 4719 1719 90 4740 1790 500 C Capacitance 4700 1700 11 pF VF = 0, 4719 1719 15 f = 1 MHz 4740 1790 18 R θ J-PIN Thermal 4700 1700 260[3] °C/W Junction to Resistance 4719 1719 290[4] Cathode Lead 4740 1790 λ PEAK Peak Wavelength 4700 1700 635 nm Measurement 4719 1719 583 at peak 4740 1790 565 η V Luminous Efficacy 4700 1700 145 lumens Note 2 4719 1719 500 watt 4740 1790 595 Notes: 1. The dominant wavelength, λ d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 2. The radiant intensity, I e, in watts per steradian, may be found from the equation Ie = IV/ηV, where IV is the luminous intensity in candelas and η V is luminous efficacy in lumens/watt. 3. T-13/4. 4. T-1. |
유사한 부품 번호 - HLMP-1790B0002 |
|
유사한 설명 - HLMP-1790B0002 |