전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWH-100A 데이터시트(PDF) 1 Page - Cooper Bussmann, Inc.

부품명 FWH-100A
상세설명  Modular Fuseblocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWH-100A 데이터시트(HTML) 1 Page - Cooper Bussmann, Inc.

  FWH-100A Datasheet HTML 1Page - Cooper Bussmann, Inc. FWH-100A Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Block Series
Modular Fuseblocks
BH-0 Series
0-700 Volts, 100 Amps
Form No. BH-0
Page 1 of 2
Data Sheet: 1200
Bussmann®
11-20-02
J02322
Dimensional Data - All tolerances
(± 0.25) mm
(± 0.01) inches
B
53.98
2.12"
68.20
2.68"
A
C
Buss
®
71.42
2.81"
54.23
2.13"
5.33 x 6.60
.21" x .26"
(Typ. 2)
11.68 x 12.95
.46" x .51"
(Typ. 2)
6.35
.25"
8.64
.34"
39.62
1.56"
Catalog Symbol: BH-0 Series
Base: Light-weight, high temperature
thermoplastic
Mounting Studs: Plated steel
Nut: Plated steel
Washer: Spring steel
Connector: Tin-plated aluminum. One
hole connector accepts 14 - 2/0 AWG
copper wire. Two hole connector accepts
14 - 1/0 AWG copper wire.
Agency Information:
UL Recognized, Guide IZLT2, File E14853
up to 700V
CSA Certified, Class 6225-01, File 47235
up to 700V
Withstand Rating: 200,000A RMS Sym.
or interrupting rating of fuse used, whichever
is smaller.
BH - 0 X X X
NOTES: 1.
Always check applicable end use standards for required spacing between blocks, fuses or other hardware.
2.
For applications above 700V, consult appropriate electrical standard for proper creepage distances, clearance distances and insulator
voltage withstand ratings.
Agency Information
0 No Agency Information
1 UL Recognition and CSA Certification
2 UL Recognition Only
3 CSA Certification Only
Wire Connector
0 No Connector
1 1 Hole for 14 - 2/0 AWG Copper Wire
(for use with Base 0)
2 2 Hole for 14 - 1/0 AWG Copper Wire
(for use with Base 0)
Stud Size
1⁄Ω¢ - 20
2fiΩ¡§ - 18
3‹Ω• - 16
Catalog Code Description:
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 314-527-1270 for more information.


유사한 부품 번호 - FWH-100A

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
FWH-1000A COOPER-FWH-1000A Datasheet
750Kb / 20P
   High Speed Fuses
FWH-1000A COOPER-FWH-1000A Datasheet
50Kb / 2P
   Electrical Characteristics
FWH-1000A COOPER-FWH-1000A Datasheet
50Kb / 2P
   FWH 500V 35-1600A
FWH-1000A COOPER-FWH-1000A Datasheet
50Kb / 2P
   Electrical Characteristics
FWH-1000A COOPER-FWH-1000A Datasheet
50Kb / 2P
   FWH 500V 35-1600A
More results

유사한 설명 - FWH-100A

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
1BS101 COOPER-1BS101 Datasheet
76Kb / 1P
   Modular Fuseblocks
4164 COOPER-4164 Datasheet
34Kb / 1P
   Limiter Fuseblocks
J60100-1STR COOPER-J60100-1STR Datasheet
160Kb / 2P
   Class J Fuseblocks
BC6033B COOPER-BC6033B Datasheet
77Kb / 1P
   Class CC Fuseblocks
3723 COOPER-3723 Datasheet
55Kb / 1P
   Add-On Fuseblocks
JP60030-3PR COOPER-JP60030-3PR Datasheet
58Kb / 1P
   Class J Fuseblocks
J60060-1CR COOPER-J60060-1CR Datasheet
160Kb / 2P
   Class J Fuseblocks
BM6031PQ COOPER-BM6031PQ Datasheet
113Kb / 1P
   Supplementary Fuseblocks BM Series
S8000_SPECS COOPER-S8000_SPECS Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
J60060-2C COOPER-J60060-2C Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣 600 Amps
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com