전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB2150 데이터시트(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

부품명 SB2150
상세설명  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
홈페이지  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SB2150 데이터시트(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SB2150 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2150 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2150 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2150 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2150 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0877, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SB2150
Marking Diagram:
Where XXXXX is YYWWL
SB
= Device Type
2
= Forward Current (2A)
150
= Reverse Voltage (150V)
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
SB2150
DO-15
(Pb-Free)
3000pcs / tape
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
150
V
Max. Average Forward
IF(AV)
50% duty cycle @TC =150℃
rectangular wave form(L=0.375”)
2.0
A
Max. Peak One Cycle
Non-Repetitive Surge Current
IFSM
8.3 ms, half Sine pulse
50
A


유사한 부품 번호 - SB2150

제조업체부품명데이터시트상세설명
logo
Compact Technology Corp...
SB2150 CTC-SB2150 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-41)
logo
DONGGUAN YOU FENG WEI E...
SB2150 YFWDIODE-SB2150 Datasheet
267Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SB2150 YIXIN-SB2150 Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Compact Technology Corp...
SB2150 CTC-SB2150 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-15)
logo
Chongqing Pingwei Enter...
SB2150 CHONGQING-SB2150 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SB2150

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com