전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMPK155 데이터시트(PDF) 2 Page - Everlight Electronics Co., Ltd

부품명 HLMPK155
상세설명  DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HLMPK155 데이터시트(HTML) 2 Page - Everlight Electronics Co., Ltd

  HLMPK155 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HLMPK155 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HLMPK155 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HLMPK155 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HLMPK155 Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DOUBLE HETEROJUNCTION AIGaAs
LOW CURRENT RED LED LAMPS


유사한 부품 번호 - HLMPK155

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

유사한 설명 - HLMPK155

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D150A FAIRCHILD-HLMP-D150A Datasheet
274Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
logo
QT Optoelectronics
HLMP-D150A QT-HLMP-D150A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com