전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-D155A 데이터시트(PDF) 5 Page - Everlight Electronics Co., Ltd

부품명 HLMP-D155A
상세설명  DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HLMP-D155A 데이터시트(HTML) 5 Page - Everlight Electronics Co., Ltd

  HLMP-D155A Datasheet HTML 1Page - Everlight Electronics Co., Ltd HLMP-D155A Datasheet HTML 2Page - Everlight Electronics Co., Ltd HLMP-D155A Datasheet HTML 3Page - Everlight Electronics Co., Ltd HLMP-D155A Datasheet HTML 4Page - Everlight Electronics Co., Ltd HLMP-D155A Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE
TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT
DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE
RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
2. A critical component in any component of a life support
systems which, (a) are intended for surgical
device or system whose failure to perform can be implant
into the body,or (b) support or sustain life,
reasonably expected to cause the failure of the life and (c)
whose failure to perform when properly support
device or system, or to affect its safety or effectiveness.
used in accordance with instructions for use
provided in labeling, can be reasonably
expected to result in a significant injury of the
user.
DOUBLE HETEROJUNCTION AIGaAs
LOW CURRENT RED LED LAMPS
http\\:www.everlight.com
© 2006 Everlight Electronics Co., Ltd


유사한 부품 번호 - HLMP-D155A

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-D155A QT-HLMP-D155A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
Fairchild Semiconductor
HLMP-D155A FAIRCHILD-HLMP-D155A Datasheet
274Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
More results

유사한 설명 - HLMP-D155A

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D150A FAIRCHILD-HLMP-D150A Datasheet
274Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
logo
QT Optoelectronics
HLMP-D150A QT-HLMP-D150A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com