전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-S501-D0BDG 데이터시트(PDF) 4 Page - Agilent(Hewlett-Packard)

부품명 HLMP-S501-D0BDG
상세설명  2 mm x 5 mm Rectangular LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-S501-D0BDG 데이터시트(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-S501-D0BDG Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-S501-D0BDG Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-S501-D0BDG Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-S501-D0BDG Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1-156
Figure 4. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. LED Peak Current.
ηv (300 mA) for
AlGaAs Red = 0.7.
Figure 2. Forward Current vs.
Forward Voltage Characteristics. V
F
(300 mA) for AlGaAs Red = 2.6 Volts
Typical.
Figure 3. Relative Luminous Intensity
vs. DC Forward Current.
Figure 5. Maximum Tolerable Peak Current vs. Peak Duration.
(I
PEAK MAX Determined from Temperature Derated IDC MAX).
Figure 6. Relative Luminous Intensity vs. Angular Displacement.


유사한 부품 번호 - HLMP-S501-D0BDG

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-D0000 AVAGO-HLMP-S501-D0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S501-D00XX BOARDCOM-HLMP-S501-D00XX Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
More results

유사한 설명 - HLMP-S501-D0BDG

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
   2 mm x 5 mm Rectangular AlInGaP Lamps
logo
List of Unclassifed Man...
L-117 ETC-L-117 Datasheet
119Kb / 4P
   2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-08XX HP-HLMP-08XX Datasheet
159Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com