전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT541D 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74HCT541D
상세설명  Octal buffer/line driver 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT541D 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT541D Datasheet HTML 5Page - NXP Semiconductors 74HCT541D Datasheet HTML 6Page - NXP Semiconductors 74HCT541D Datasheet HTML 7Page - NXP Semiconductors 74HCT541D Datasheet HTML 8Page - NXP Semiconductors 74HCT541D Datasheet HTML 9Page - NXP Semiconductors 74HCT541D Datasheet HTML 10Page - NXP Semiconductors 74HCT541D Datasheet HTML 11Page - NXP Semiconductors 74HCT541D Datasheet HTML 12Page - NXP Semiconductors 74HCT541D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74HC_HCT541
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 15 April 2014
9 of 19
NXP Semiconductors
74HC541; 74HTC541
Octal buffer/line driver; 3-state
[1]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
tt
transition time
see Figure 6
[2]
VCC = 2.0 V
-
14
60
75
90
ns
VCC = 4.5 V
-
5
12
15
18
ns
VCC = 6.0 V
-
4
10
13
15
ns
CPD
power dissipation
capacitance
per package;
VI =GND to VCC
[3]
-37
-
-
-
pF
74HCT541
tpd
propagation delay
An to Yn; see Figure 6
[1]
VCC = 4.5 V
-
15
28
35
42
ns
VCC = 5.0 V; CL =15pF
-
12
-
-
-
ns
ten
enable time
OEn to Yn; see Figure 7
[1]
VCC = 4.5 V
-
21
35
44
53
ns
tdis
disable time
OEn to Yn; see Figure 7
[1]
VCC = 4.5 V
-
21
35
44
53
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[2]
-
5
12
15
18
ns
CPD
power dissipation
capacitance
per package;
VI =GND to VCC  1.5 V
[3]
-39
-
-
-
pF
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for test circuit, see Figure 8.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +125 C
Unit
Min
Typ
Max
Max (85
C) Max (125 C)


유사한 부품 번호 - 74HCT541D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT541D PHILIPS-74HCT541D Datasheet
43Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
logo
Toshiba Semiconductor
74HCT541D TOSHIBA-74HCT541D Datasheet
228Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.3.0
logo
Nexperia B.V. All right...
74HCT541D NEXPERIA-74HCT541D Datasheet
251Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 5 - 12 July 2021
74HCT541D-Q100 NEXPERIA-74HCT541D-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74HCT541D-Q100 NEXPERIA-74HCT541D-Q100 Datasheet
250Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 2 - 12 July 2021
More results

유사한 설명 - 74HCT541D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com