전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N2131A 데이터시트(PDF) 1 Page - GeneSiC Semiconductor, Inc.

부품명 1N2131A
상세설명  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENESIC [GeneSiC Semiconductor, Inc.]
홈페이지  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N2131A 데이터시트(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  1N2131A Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N2131A Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N2131A Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 200 V
IF =60 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
1N2128A(R) 1N2129A(R)
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Silicon Standard
Recovery Diode
Conditions
200
140
200
150
1N2128A thru 1N2131AR
1N2131A(R)
150
106
1N2130A(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified
• Types from 50 V to 200 V VRRM
2. Reverse polarity (R): Stud is anode.
DC blocking voltage
VDC
50
100
V
Continuous forward current
IF
60
60
A
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
1N2128A(R) 1N2129A(R)
Unit
Diode forward voltage
1.1
1.1
10
10
μA
15
15
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.65
0.65
°C/W
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
-55 to 150
-55 to 150
TC = 25 °C, tp = 8.3 ms
200
150
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
1N2130A(R)
0.65
VR = 50 V, Tj = 150 °C
0.65
1.1
1.1
15
VR = 50 V, Tj = 25 °C
IF = 60 A, Tj = 25 °C
TC ≤ 150 °C
Conditions
1050
1050
-55 to 150
60
60
-55 to 150
15
A
1050
Reverse current
IR
VF
1050
1N2131A(R)
10
10
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


유사한 부품 번호 - 1N2131A

제조업체부품명데이터시트상세설명
logo
International Rectifier
1N2131A IRF-1N2131A Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N2131A VISHAY-1N2131A Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N2131A VISHAY-1N2131A Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
America Semiconductor, ...
1N2131A AMERICASEMI-1N2131A Datasheet
404Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
Naina Semiconductor ltd...
1N2131A NAINA-1N2131A Datasheet
552Kb / 2P
   Standard Recovery Diode, 60A
More results

유사한 설명 - 1N2131A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com