전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1040X-T1 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI1040X-T1
상세설명  Load Switch with Level-Shift
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1040X-T1 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI1040X-T1 Datasheet HTML 1Page - Vishay Siliconix SI1040X-T1 Datasheet HTML 2Page - Vishay Siliconix SI1040X-T1 Datasheet HTML 3Page - Vishay Siliconix SI1040X-T1 Datasheet HTML 4Page - Vishay Siliconix SI1040X-T1 Datasheet HTML 5Page - Vishay Siliconix SI1040X-T1 Datasheet HTML 6Page - Vishay Siliconix SI1040X-T1 Datasheet HTML 7Page - Vishay Siliconix SI1040X-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 71809
S10-2544-Rev. D, 08-Nov-10
Vishay Siliconix
Si1040X
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized On-Resistance
vs. Junction Temperature
Switching Variation
R2 at VIN = 2.5 V, R1 = 20 kW
Switching Variation
R2 at VIN = 4.5 V, R1 = 300 kW
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
IL = 0.3 A
VON/OFF = 1.5 V to 8 V
VIN = 1.8 V
VIN = 4.5 V
0
4
8
12
16
20
0
246
8
10
R2 (k
Ω)
IL = 0.36 A
VON/OFF = 3 V
Ci = 10 µF
Co = 1 µF
tr
td(on)
td(off)
tf
0
20
40
60
80
0
204060
80
100
R2 (k
Ω)
IL = 0.36 A
VON/OFF = 3 V
Ci = 10 µF
Co = 1 µF
td(on)
tr
td(off)
tf
Switching Variation
R2 at VIN = 4.5 V, R1 = 20 kW
Switching Variation
R2 at VIN = 1.8 V, R1 = 20 kW
Switching Variation
R2 at VIN = 2.5 V, R1 = 300 kW
0
4
8
12
16
20
0
246
8
10
R2 (k
Ω)
tr
IL = 0.36 A
VON/OFF = 3 V
Ci = 10 µF
Co = 1 µF
tf
td(on)
td(off)
0
4
8
12
16
20
02
4
6
8
10
R2 (k
Ω)
IL = 0.36 A
VON/OFF = 3 V
Ci = 10 µF
Co = 1 µF
td(on)
tr
tf
td(off)
0
20
40
60
80
0
204060
80
100
R2 (k
Ω)
IL = 0.36 A
VON/OFF = 3 V
Ci = 10 µF
Co = 1 µF
tf
td(off)
tr
td(on)


유사한 부품 번호 - SI1040X-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1040X-T1-E3 VISHAY-SI1040X-T1-E3 Datasheet
125Kb / 6P
   Load Switch with Level-Shift
Rev. C, 24-Mar-08
SI1040X-T1-GE3 VISHAY-SI1040X-T1-GE3 Datasheet
125Kb / 6P
   Load Switch with Level-Shift
Rev. C, 24-Mar-08
More results

유사한 설명 - SI1040X-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com