전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1113F 데이터시트(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

부품명 UC1113F
상세설명  Single Color Ultra High Brightness Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UC1113F 데이터시트(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button UC1113F Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UC1113F Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UC1113F Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UC1113F Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UC1113F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UC1113F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UC1113F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UC1113F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. UC1113F Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Page 6
2004.9.29
Single Color Ultra High Brightness Type
U□1113F Series
Color Tone Groups (λd)
(Ta=25℃)
MIN.
MAX.
MIN.
MAX.
A
580
585
620
630
B
584
589
628
638
C
588
593
D
592
597
E
596
601
Rank
UY
IF=20mA
Dominant Wavelength λd (nm)
UR
IF=20mA
Please contact our sales staff concerning rank designation.


유사한 부품 번호 - UC1113F

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
UC1113F STANLEY-UC1113F Datasheet
317Kb / 20P
   Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
More results

유사한 설명 - UC1113F

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
1111C STANLEY-1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
1105W STANLEY-1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com