전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB160-E3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SB160-E3
상세설명  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB160-E3 데이터시트(HTML) 2 Page - Vishay Siliconix

  SB160-E3 Datasheet HTML 1Page - Vishay Siliconix SB160-E3 Datasheet HTML 2Page - Vishay Siliconix SB160-E3 Datasheet HTML 3Page - Vishay Siliconix SB160-E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88715
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 16-Oct-09
SB120 thru SB160
Vishay General Semiconductor
Note
(1) Thermal resistance junction to lead P.C.B. mounted 0.375" (9.5 mm) lead length
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB120
SB130
SB140
SB150
SB160
UNIT
Typical thermal resistance
RθJA
(1)
50
°C/W
RθJL
(1)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SB140-E3/54
0.35
54
5500
13" diameter paper tape and reel
SB140-E3/73
0.35
73
3000
Ammo pack packaging
0
0.25
0.5
0.75
0
50
75
25
100
125
150
175
1.0
Lead Temperature (°C)
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
SB150 and SB160
SB120 to SB140
0
10
30
20
50
40
1
100
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
100
10
1
0.1
0.01
0
0.4
0.2
1.2
0.8
0.6
1.4
1.6
1.0
Instantaneous Forward Voltage (V)
T
J = 125 °C
T
J = 25 °C
SB120 thru SB140
SB150 and SB160
T
J = 150 °C
Pulse Width = 300 μs
1 % Duty Cycle
1
10
100
0.01
0.001
0.1
20
0
100
40
60
80
Percent of Rated Peak Reverse Voltage (%)
T
J = 125 °C
T
J = 25 °C
T
J = 75 °C
SB120 thru SB140
SB150 and SB160


유사한 부품 번호 - SB160-E3

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
SB160-E LRC-SB160-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
More results

유사한 설명 - SB160-E3

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com