전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-1010AW 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 S-1010AW
상세설명  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

S-1010AW 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  S-1010AW Datasheet HTML 1Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 2Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 3Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 4Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 5Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 6Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
S-1000A/2000A
ROTARY CODED SWITCHES
■外形寸法図 OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
(S-1000A series)
O S-1010A
O S-1030A
Top setting
O S-1011A
O S-1031A
Side setting
O S-1110A
O S-1130A
Top setting
O S-1111A
O S-1131A
Side setting
5
4
3
2
7
10
±0.2
0.6 W
× 2.6 L × 1.7 D
型式、製造年月記号
Part No. & Production date code
4.5
±0.5
7.62
C
8
4
2
1
8
7
6
9
10
±0.2
5 – 0.5
±0.1
t = 0.2
2.54
11.5
6
5.08
2.54
2.54
8
4
2
1
C
0.6 W
× 2.6 L × 1.7 D
型式、製造年月記号
Part No. & Production date code
7
0.5
4.5
±0.5
6.6
5
4
3
2
10
±0.2
0.7 W
× 1 D
型式、製造年月記号
Part No. & Production date code
7.62
C
8
4
2
1
8
7
6
9
10
±0.2
5 – 0.5
±0.1
t = 0.2
2.54
11.5
6.6
6
5.08
2.54
2.54
8
4
2
1
C
0.7 W 1 D
型式、製造年月記号
Part No. & Production date code

ディップスイッチ
照光式スイッチ
押ボタンスイッチ
レバー・ロッカー
   
スイッチ
トグルスイッチ
スライドスイッチ
ロータリー
   
スイッチ
キースイッチ
トリガースイッチ
フラットスイッチ


유사한 부품 번호 - S-1010AW

제조업체부품명데이터시트상세설명
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1011A50-M6T1U4 ABLIC-S-1011A50-M6T1U4 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1011A60-M6T1U4 ABLIC-S-1011A60-M6T1U4 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1011A70-M6T1U4 ABLIC-S-1011A70-M6T1U4 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1011A80-M6T1U4 ABLIC-S-1011A80-M6T1U4 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
More results

유사한 설명 - S-1010AW

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com