전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP64-05W_2015 데이터시트(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BAP64-05W_2015
상세설명  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP64-05W_2015 데이터시트(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP64-05W_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-05W_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 Jul 13
2
Philips Semiconductors
Product specification
Silicon PIN diode
BAP64-05W
FEATURES
• High voltage, current controlled
• RF resistor for RF attenuators and switches
• Low diode capacitance
• Low diode forward resistance
• Low series inductance
• For applications up to 3 GHz.
APPLICATIONS
• RF attenuators and switches.
GENERAL DESCRIPTION
Two planar PIN diodes in common cathode configuration
in a SOT323 small SMD plastic package.
PINNING
PIN
DESCRIPTION
1
anode (a1)
2
anode (a2)
3
common cathode
handbook, halfpage
3
2
1
Top view
MAM382
2
1
3
Marking code: 5W-
Fig.1 Simplified outline (SOT323) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
100
V
IF
continuous forward current
100
mA
Ptot
total power dissipation
Ts =90 °C
240
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C


유사한 부품 번호 - BAP64-05W_2015

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BAP64-05WS SECOS-BAP64-05WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
logo
SEC Electronics Inc.
BAP64-05WS SECELECTRONICS-BAP64-05WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
logo
NXP Semiconductors
BAP64-05W PHILIPS-BAP64-05W_15 Datasheet
147Kb / 9P
   Silicon PIN diode
Rev. 2-28 April 2015
logo
Quanzhou Jinmei Electro...
BAP64-05W JMNIC-BAP64-05W_15 Datasheet
65Kb / 8P
   Silicon PIN diode
More results

유사한 설명 - BAP64-05W_2015

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com