전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP64-06_2015 데이터시트(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BAP64-06_2015
상세설명  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP64-06_2015 데이터시트(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP64-06_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-06_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-06_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-06_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-06_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-06_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-06_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-06_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Feb 27
3
Philips Semiconductors
Product specification
Silicon PIN diode
BAP64-06
ELECTRICAL CHARACTERISTICS
Tj = 25 °C; unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
IF = 50 mA
0.95
1.1
V
IR
reverse current
VR = 175 V
10
µA
VR =20V
1
µA
Cd
diode capacitance
f = 1 MHz
VR = 0
0.52
pF
VR = 1 V
0.37
pF
VR = 20 V
0.23
0.35
pF
rD
diode forward resistance
f = 100 MHz; note 1
IF = 0.5 mA
20
40
IF =1mA
10
20
IF =10mA
2
3.8
IF = 100 mA
0.7
1.35
τ
L
charge carrier life time
when switched from IF = 10 mA to
IR = 6 mA; RL = 100 Ω;
measured at IR =3mA
1.55
−µs
LS
series inductance
1.4
nH
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
220
K/W


유사한 부품 번호 - BAP64-06_2015

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BAP64-06-HF KEXIN-BAP64-06-HF Datasheet
1Mb / 3P
   PIN Diodes
logo
NXP Semiconductors
BAP64-06W PHILIPS-BAP64-06W Datasheet
63Kb / 8P
   Silicon PIN diode
2001 Apr 17
BAP64-06W NXP-BAP64-06W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Jiangsu Changjiang Elec...
BAP64-06W JIANGSU-BAP64-06W Datasheet
650Kb / 5P
   Pin Diode
logo
Micro Commercial Compon...
BAP64-06W MCC-BAP64-06W Datasheet
517Kb / 3P
   Low diode capacitance
More results

유사한 설명 - BAP64-06_2015

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com