전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7530TR 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF7530TR
상세설명  Trench Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7530TR 데이터시트(HTML) 4 Page - International Rectifier

  IRF7530TR Datasheet HTML 1Page - International Rectifier IRF7530TR Datasheet HTML 2Page - International Rectifier IRF7530TR Datasheet HTML 3Page - International Rectifier IRF7530TR Datasheet HTML 4Page - International Rectifier IRF7530TR Datasheet HTML 5Page - International Rectifier IRF7530TR Datasheet HTML 6Page - International Rectifier IRF7530TR Datasheet HTML 7Page - International Rectifier IRF7530TR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7530
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
5
10
15
20
25
30
0
2
4
6
8
10
Q , Total Gate Charge (nC)
G
I =
D
5.0A
V
= 4V
DS
V
= 10V
DS
V
= 16V
DS
1
10
100
0.5
1.0
1.5
2.0
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
1000
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
0
400
800
1200
1600
2000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
5.4A


유사한 부품 번호 - IRF7530TR

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7530TRPBF IRF-IRF7530TRPBF Datasheet
152Kb / 8P
   Trench Technology
More results

유사한 설명 - IRF7530TR

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TRPBF IRF-IRF7530TRPBF Datasheet
152Kb / 8P
   Trench Technology
IRF7241PBF IRF-IRF7241PBF_15 Datasheet
176Kb / 9P
   Trench Technology
IRF7324TRPBF IRF-IRF7324TRPBF Datasheet
169Kb / 8P
   Trench Technology
IRF7607TRPBF IRF-IRF7607TRPBF Datasheet
149Kb / 8P
   Trench Technology
IRF7329TRPBF IRF-IRF7329TRPBF Datasheet
179Kb / 9P
   Trench Technology
logo
DONGGUAN YOU FENG WEI E...
15L65SP-TO277 YFWDIODE-15L65SP-TO277 Datasheet
825Kb / 3P
   Advanced trench technology
logo
Vishay Siliconix
VS-GT105LA120UX VISHAY-VS-GT105LA120UX Datasheet
190Kb / 9P
   Trench IGBT technology
Revision: 17-Oct-16
logo
Vincotech
V23990-K222-A-PM VINCOTECH-V23990-K222-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com