전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF861_2015 데이터시트(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BF861_2015
상세설명  N-channel junction FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF861_2015 데이터시트(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF861_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF861_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Sep 04
5
Philips Semiconductors
Product specification
N-channel junction FETs
BF861A; BF861B; BF861C
Fig.3
Drain current as a function of gate-source
cut-off voltage; typical values.
VDS =8V.
0
30
20
10
0
0.5
1
2
MBD461
1.5
I DSS
(mA)
V
(V)
GSoff
Fig.4
Common-source output conductance as
a function of drain current; typical values.
VDS =8V.
VGS =0.
handbook, halfpage
0
300
200
100
0
525
MBD462
10
15
20
I DSS (mA)
gos
(
µS)
Fig.5
Forward transfer admittance as a
function of drain current; typical values.
VDS =8V.
VGS =0.
handbook, halfpage
0
30
20
10
0
525
MBD463
10
15
20
I DSS (mA)
y fs
(mS)
Fig.6
Forward transfer admittance as a
function of drain current; typical values.
VDS =8V.
handbook, halfpage
0
5
10
20
25
0
20
MBD464
15
15
10
5
D
I
(mA)
BF861C
BF861B
BF861A
y fs
(mS)


유사한 부품 번호 - BF861_2015

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF861A PHILIPS-BF861A Datasheet
102Kb / 12P
   N-channel junction FETs
1997 Sep 04
BF861A NXP-BF861A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF861B PHILIPS-BF861B Datasheet
102Kb / 12P
   N-channel junction FETs
1997 Sep 04
BF861B NXP-BF861B Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF861C PHILIPS-BF861C Datasheet
102Kb / 12P
   N-channel junction FETs
1997 Sep 04
More results

유사한 설명 - BF861_2015

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMBFJ108 PHILIPS-PMBFJ108 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
BF861A PHILIPS-BF861A Datasheet
102Kb / 12P
   N-channel junction FETs
1997 Sep 04
logo
Quanzhou Jinmei Electro...
BF861 JMNIC-BF861_15 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
NXP Semiconductors
PMBFJ111 PHILIPS-PMBFJ111 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
J108 PHILIPS-J108 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
PMBF4391 PHILIPS-PMBF4391 Datasheet
40Kb / 7P
   N-channel FETs
April 1995
BSR56 PHILIPS-BSR56 Datasheet
37Kb / 6P
   N-channel FETs
April 1991
logo
New Jersey Semi-Conduct...
BFW12 NJSEMI-BFW12 Datasheet
87Kb / 3P
   N-CHANNEL SILICON FETS
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
   N-Channel Lateral DMOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com