전자부품 데이터시트 검색엔진 |
|
SS-401 데이터시트(PDF) 1 Page - STMicroelectronics |
|
SS-401 데이터시트(HTML) 1 Page - STMicroelectronics |
1 / 7 page July 2007 Rev 4 1/7 7 MSS40, MSS50 Back to back SCR module Description Packaged in ISOTOP modules, the MSS40 / MSS50 Series is based on two back-to-back SCR configurations, providing high noise immunity. They are suitable for high power applications such as solid state relays, heating control systems, welding equipment, motor control circuits... The compactness of the ISOTOP package allows high power density and optimized power bus connections. Thanks to their internal ceramic pad, they provide high voltage insulation (2500 VRMS), complying with UL standards (File ref: E81734). Figure 1. Pin connections Table 1. Main features Symbol Value Unit IT(RMS) 55 and 70 A VDRM/VRRM 800 and 1200 V IGT 50 mA Table 2. Order codes Part numbers Marking MSS40-1200 MSS40-1200 MSS50-800 MSS50-800 MSS50-1200 MSS50-1200 A1 A2 G2 G1 ISOTOP 1: Thyristor 2 Anode (A2) 2: Thyristor 2 Gate (G2) 3: Thyristor 1 Anode (A1) 4: Thyristor 2 Gate (G1) 4 1 3 2 G1 A2 G2 A1 www.st.com Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) |
유사한 부품 번호 - SS-401 |
|
유사한 설명 - SS-401 |