전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1210_2015 데이터시트(PDF) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BF1210_2015
상세설명  Dual N-channel dual gate MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1210_2015 데이터시트(HTML) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1210_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1210_2015 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
BF1210_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 October 2006
10 of 21
NXP Semiconductors
BF1210
Dual N-channel dual gate MOSFET
VDS(A) =5V; VG2-S =4V; VDS(B) =0V;
ID(A) = 19 mA.
VDS(A) =5V; VG2-S =4V; VDS(B) =0V;
ID(A) = 19 mA.
Fig 13. Amplifier A: input admittance as a function of
frequency; typical values
Fig 14. Amplifier A: forward transfer admittance and
phase as a function of frequency; typical values
VDS(A) =5V; VG2-S =4V; VDS(B) =0V;
ID(A) = 19 mA.
VDS(A) =5V; VG2-S =4V; VDS(B) =0V;
ID(A) = 19 mA.
Fig 15. Amplifier A: reverse transfer admittance and
phase as a function of frequency; typical values
Fig 16. Amplifier A: output admittance as a function of
frequency; typical values
001aaf487
f (MHz)
10
103
102
10−1
1
10
102
bis, gis
(mS)
10−2
gis
bis
001aaf488
f (MHz)
10
103
102
−10
−102
ϕfs
(deg)
−1
10
102
Yfs
(mS)
1
Yfs
ϕfs
001aaf489
−102
−10
−103
ϕrs
(deg)
102
10
103
Yrs
(
µS)
1
−1
f (MHz)
10
103
102
Yrs
ϕrs
001aaf490
1
10-1
10
bos, gos
(mS)
10-2
f (MHz)
10
103
102
bos
gos


유사한 부품 번호 - BF1210_2015

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
More results

유사한 설명 - BF1210_2015

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com