전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL062A 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TL062A
상세설명  Low-power JFET dual operational amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062A 데이터시트(HTML) 3 Page - STMicroelectronics

  TL062A Datasheet HTML 1Page - STMicroelectronics TL062A Datasheet HTML 2Page - STMicroelectronics TL062A Datasheet HTML 3Page - STMicroelectronics TL062A Datasheet HTML 4Page - STMicroelectronics TL062A Datasheet HTML 5Page - STMicroelectronics TL062A Datasheet HTML 6Page - STMicroelectronics TL062A Datasheet HTML 7Page - STMicroelectronics TL062A Datasheet HTML 8Page - STMicroelectronics TL062A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TL062, TL062A, TL062B
Absolute maximum ratings and operating conditions
Doc ID 2294 Rev 4
3/15
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the
supply voltages where the zero reference level is the midpoint between VCC
+ and V
CC
-.
±18
V
Vi
Input voltage(2)
2.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts,
whichever is less.
±15
V
Vid
Differential input voltage(3)
3.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±30
V
Ptot
Power dissipation
680mW
Output short-circuit duration(4)
4.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be
limited to ensure that the dissipation rating is not exceeded.
Infinite
Tstg
Storage temperature range
°C
Rthja
Thermal resistance junction-to-ambient(5),(6)
SO-8
DIP8
5.
Short-circuits can cause excessive heating and destructive dissipation.
6.
Rth are typical values.
125
85
°C/W
Rthjc
Thermal resistance junction-to-case(5),(6)
SO-8
DIP8
40
41
°C/W
ESD
HBM: human body model(7)
7.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
900
V
MM: machine model(8)
8.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
150
V
CDM: charged device model(9)
9.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to ground.
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
TL062I, AI, BI
TL062C, AC, BC
Unit
VCC
Supply voltage range
6 to 36
V
Toper
Operating free air temperature range
-40 to +105
0 to +70
°C


유사한 부품 번호 - TL062A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TL062A STMICROELECTRONICS-TL062A Datasheet
111Kb / 10P
   LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL062A TI-TL062A Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062A TI-TL062A Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062A TI-TL062A Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062A TI-TL062A Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TL062A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com