전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA7809ETU 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KA7809ETU
상세설명  3-Terminal 1 A Positive Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7809ETU 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KA7809ETU Datasheet HTML 1Page - Fairchild Semiconductor KA7809ETU Datasheet HTML 2Page - Fairchild Semiconductor KA7809ETU Datasheet HTML 3Page - Fairchild Semiconductor KA7809ETU Datasheet HTML 4Page - Fairchild Semiconductor KA7809ETU Datasheet HTML 5Page - Fairchild Semiconductor KA7809ETU Datasheet HTML 6Page - Fairchild Semiconductor KA7809ETU Datasheet HTML 7Page - Fairchild Semiconductor KA7809ETU Datasheet HTML 8Page - Fairchild Semiconductor KA7809ETU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78XXE / KA78XXAE Rev. 1.1.1
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Symbol
Parameter
Value
Unit
VI
Input Voltage
VO = 5 V to 18 V
35
V
VO = 24 V
40
V
RθJC
Thermal Resistance Junction-Cases (TO-220)
5
°C/W
RθJA
Thermal Resistance Junction-Air (TO-220)
65
°C/W
TOPR
Operating Temperature Range (KA78XXE / AE / ER)
0 to +125
°C
TSTG
Storage Temperature Range
-65 to +150
°C


유사한 부품 번호 - KA7809ETU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7809ETU FAIRCHILD-KA7809ETU Datasheet
2Mb / 26P
   3-Terminal 1A Positive Voltage Regulator
logo
ON Semiconductor
KA7809ETU ONSEMI-KA7809ETU Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
Inchange Semiconductor ...
KA7809ETU ISC-KA7809ETU Datasheet
151Kb / 2P
   isc Three Terminal Positive Voltage Regulator
More results

유사한 설명 - KA7809ETU

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7808 SEMTECH_ELEC-ST7808 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7812 SEMTECH_ELEC-7812 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com