전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1045L 데이터시트(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

부품명 SB1045L
상세설명  High current capability, low forward voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
홈페이지  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

SB1045L 데이터시트(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  SB1045L Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED SB1045L Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED SB1045L Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED SB1045L Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4008-378-873
1
1045 TO-277B
10A, 45V 贴片肖特基整流二极管 规格书
Low VF Schottky Rectifier SMD
TJ=100℃
IF=8A
IF=2A
Test Condition
Fo rward voltagedrop
--
0.31
RQJA
31
Storage Temperature
TJ=25℃
IR
75
VF
0.30
--
mA
V
0.06
TJ=25℃
MAKO Semiconductor Co., Limited
17
0.36
IF=10A
VR=Max.VRRM
--
0.41
Reverse leakagecurrent
--
1/4
Max
UNIT
Rating
TJ=125℃
0.37
0.38
0.47
--
0.41
--
0.35
RATING
Electrical Characteristics
Symbol
Characterisrtic
Min
Typ
UNIT
Thermal Resistance, Junction-to-Ambiene
Junction Temperature
TJ
150
Averageforward current
IF(AV)
10
Tstg
-55~+150
IFSM
530
278
A
Maximum DC blocking voltage
VRM
45
http://
www.makosemi.hk/
/W
V
mJ
Surge non repetitive forward current (8.3ms single half sine- wave)
CHARACTERISTIC
Repetitive peak reverse voltage
FEATURES
High current capability, low forward voltage
Excellent high temperature stability
Low power loss, and high ef ficiency
High Forward Surge Capability
Patented package technology
APPLICATIONS
Switching mode power supply applications
Portable equipment battery applications
High frequency rectification
DC/DC Converter
Designed as bypass diodes for solar panels
ABSOLUTE MAXIMUM RATINGS (TA=25°C,unless otherwise specified)
UNIT
VRRM
45
 特征应用:超薄封装,体积小,超低压降等特点
Thermal Characteristics
CHARACTERISTIC
SYMBOL
Single pulse davalanche energy (IAS=12A, L=10mH)
EAS
RATING
SYMBOL
RIGHT PIN
BOTTOMSIDE
HEAT SINK
Package: TO-277B
Top View      Bottom View
LEFT PIN


유사한 부품 번호 - SB1045L

제조업체부품명데이터시트상세설명
logo
Formosa MS
SB1045L FORMOSA-SB1045L Datasheet
555Kb / 2P
   10.0A SUPER BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SB1045L LEIDITECH-SB1045L Datasheet
1Mb / 2P
   10.0A Schottky BARRIER RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
logo
Shanghai Shunye Electro...
SB1045L SY-SB1045L Datasheet
1Mb / 2P
   10A Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SB1045L CHENDA-SB1045L Datasheet
1Mb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SB1045L

제조업체부품명데이터시트상세설명
logo
MAKO SEMICONDUCTOR CO.,...
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
   High current capability, low forward voltage
SBR10U45SP5 MAKOSEMI-SBR10U45SP5 Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
MBR1550CT MAKOSEMI-MBR1550CT Datasheet
535Kb / 4P
   High current capability, low forward voltage
SBR15U50SP5 MAKOSEMI-SBR15U50SP5 Datasheet
535Kb / 4P
   High current capability, low forward voltage
MBR1045 MAKOSEMI-MBR1045 Datasheet
499Kb / 4P
   High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1550L MAKOSEMI-SB1550L Datasheet
535Kb / 4P
   High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
   High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com