전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPA1434 데이터시트(PDF) 4 Page - NEC

부품명 UPA1434
상세설명  NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPA1434 데이터시트(HTML) 4 Page - NEC

  UPA1434 Datasheet HTML 1Page - NEC UPA1434 Datasheet HTML 2Page - NEC UPA1434 Datasheet HTML 3Page - NEC UPA1434 Datasheet HTML 4Page - NEC UPA1434 Datasheet HTML 5Page - NEC UPA1434 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
µPA1434
4
0.001
0.005
1000
500
200
100
10000
5000
2000
DC CURRENT GAIN vs. COLLECTOR CURRENT
IC - Collector Current - A
VCE = 5 V
Pulsed
0.01
0.05 0.1
0.5 1
5
10
0.01
0.001
0.005
0.1
0.05
0.02
1
0.5
0.2
10
5
2
BASE AND COLLECTOR SATURATION
VOLTAGE vs.COLLECTOR CURRENT
IC - Collector Current - A
IC = 100·IB
Pulsed
0.01
0.05 0.1
0.5 1
5
10
VCE(sat)
VBE(sat)
75 ˚C
25 ˚C
–25 ˚C
Ta = 125
˚C


유사한 부품 번호 - UPA1434

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
UPA1434 RENESAS-UPA1434 Datasheet
208Kb / 8P
   SILICON TRANSISTOR ARRAY
1994
More results

유사한 설명 - UPA1434

제조업체부품명데이터시트상세설명
logo
NEC
UPA1454 NEC-UPA1454 Datasheet
50Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE INDUSTRIAL USE
UPA1476 NEC-UPA1476 Datasheet
62Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1478 NEC-UPA1478 Datasheet
59Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1458 NEC-UPA1458 Datasheet
51Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1456 NEC-UPA1456 Datasheet
55Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1436A NEC-UPA1436A Datasheet
60Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1428A NEC-UPA1428A Datasheet
54Kb / 6P
   NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1437 NEC-UPA1437 Datasheet
62Kb / 6P
   PNP SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1453 NEC-UPA1453 Datasheet
54Kb / 6P
   PNP SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE INDUSTRIAL USE
logo
Samsung semiconductor
KSD560 SAMSUNG-KSD560 Datasheet
235Kb / 6P
   NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com