전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM-31TW501 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 SM-31TW501
상세설명  SURFACE MOUNT CERMET TRIMMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SM-31TW501 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  SM-31TW501 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM-31TW501 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM-31TW501 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM-31TW501 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM-31TW501 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SM-3/31
SURFACE MOUNT TRIMMERS
O SM-3A/31A
側面調整 Side adjustment
1
2
3
0.4W
× 1.3L × 0.3D
3 – 0.8
3.4
Resistance code &
Production date code
抵抗値及び製造年月記号
2.8
2 – 0.6
1
3.9
O SM-3B/31B
側面調整 Side adjustment
1
2
3
0.4W
× 1.3L × 0.3D
3.4
Resistance code &
Production date code
抵抗値及び製造年月記号
2.8
2 – 0.6
1
3.9
右回り
CW rotation
1
2
3
※端子位置にご注意ください。
Note the terminal position.
■外形寸法図 OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
■包装仕様
〈テーピングの包装仕様〉
O テーピングは 500 個 / リール単位の包装になりますので、
500 個単位(500 個、1000 個、1500 個…)でのご注文を
お願い致します。
O テーピングリールの箱詰めは、1 リールからリール箱に包装
致します。
製品の脱落は、連続
2 個以内と致します。
テープのリーダ部、
空部およびリール寸法は図に示します。
PACKAGING SPECIFICATIONS
<Taping packaging specifications>
O Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
O Taping version is boxed with one reel.
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the dia-
grams below.
O テープのリーダ部および空部
EMBOSSED TAPE DIMENSIONS
O リールの寸法図 REEL DIMENSIONS
(JIS C 0806-3 に一致 Conforms to JIS C 0806-3)
(EIAJ ET-7200A に準拠 In accordance with EIAJ ET-7200A)
(Unit: mm)
Empty
Filled
Empty
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
Head
End
終り
始め
空部
製品装着部
空部
引き出し方向
リーダ部 Leader
180
15.4
±1
21
±0.8
13
±0.2
2
±0.5
13
+1
0
0
–1.5

トリマ
ポテンショメータ
高周波対応
デバイス
デジタル
ポテンショメータ
白色
   ドライバー
過電流保護素子
L
E
D


유사한 부품 번호 - SM-31TW501

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SM-31TW102 ETC2-SM-31TW102 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results

유사한 설명 - SM-31TW501

제조업체부품명데이터시트상세설명
logo
Copal Electronics
SM-3TW103 COPAL-SM-3TW103 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA103 COPAL-SM-42TA103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42 ETC2-SM-42 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TX102 ETC2-SM-42TX102 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-3 COPAL-SM-3 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA503 COPAL-SM-42TA503 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42TW100 ETC2-SM-42TW100 Datasheet
141Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-42TA104 COPAL-SM-42TA104 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-43TW103 COPAL-SM-43TW103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42 COPAL-SM-42 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com