전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD30NF04LT 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STD30NF04LT
상세설명  N-channel 40 V, 0.03 typ., 30 A, STripFET II Power MOSFET in a DPAK package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD30NF04LT 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STD30NF04LT Datasheet HTML 6Page - STMicroelectronics STD30NF04LT Datasheet HTML 7Page - STMicroelectronics STD30NF04LT Datasheet HTML 8Page - STMicroelectronics STD30NF04LT Datasheet HTML 9Page - STMicroelectronics STD30NF04LT Datasheet HTML 10Page - STMicroelectronics STD30NF04LT Datasheet HTML 11Page - STMicroelectronics STD30NF04LT Datasheet HTML 12Page - STMicroelectronics STD30NF04LT Datasheet HTML 13Page - STMicroelectronics STD30NF04LT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package mechanical data
STD30NF04LT
10/15
Doc ID 023954 Rev 1
Table 7.
DPAK (TO-252) mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1
L1
2.80
L2
0.80
L4
0.60
1
R0.20
V2


유사한 부품 번호 - STD30NF04LT

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STD30NF04LT VBSEMI-STD30NF04LT Datasheet
979Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD30NF04LT DOINGTER-STD30NF04LT Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - STD30NF04LT

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD18NF03L STMICROELECTRONICS-STD18NF03L_V01 Datasheet
430Kb / 15P
   Automotive-grade N-channel 30 V, 38 mΩ typ., 17 A STripFET II Power MOSFET in a DPAK package
Rev 2 - April 2020
STD40P3LLH6 STMICROELECTRONICS-STD40P3LLH6 Datasheet
734Kb / 16P
   P-channel -30 V, 12 m廓 typ., -40 A STripFET??H6 Power MOSFET in a DPAK package
March 2016 Rev 4
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
   N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
Rev 3 - August 2018
STD180N4F6 STMICROELECTRONICS-STD180N4F6 Datasheet
775Kb / 16P
   N-channel 40 V, 2.5 m廓 typ., 80 A STripFET??F6 Power MOSFET in a DPAK package
July 2016 Rev 2
STB170NF04 STMICROELECTRONICS-STB170NF04 Datasheet
594Kb / 15P
   N-channel 40 V, 4.4 m typ., 80 A STripFET II Power MOSFET in a D2PAK package
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
   P-channel 40 V, 0.0125 廓 typ., StripFET??F6 Power MOSFET in a DPAK package
ecember 2014 Rev 3
STD36P4LLF6 STMICROELECTRONICS-STD36P4LLF6 Datasheet
450Kb / 16P
   P-channel 40 V, 0.0175 廓 typ.,36 A, STripFET??F6 Power MOSFET in a DPAK package
March 2015 Rev 2
STB18NF30 STMICROELECTRONICS-STB18NF30 Datasheet
1,003Kb / 15P
   Automotive-grade N-channel 330 V, 160 m typ., 18 A STripFET II Power MOSFET in a DPAK package
STD20NF06LAG STMICROELECTRONICS-STD20NF06LAG Datasheet
605Kb / 15P
   Automotive-grade N-channel 60 V, 32 mΩ typ., 24 A, STripFET II Power MOSFET in a DPAK package
DS11845 - Rev 3 - October 2019
STD52P3LLH6 STMICROELECTRONICS-STD52P3LLH6 Datasheet
778Kb / 16P
   P-channel 30 V, 0.01 廓 typ., 52 A, STripFET??H6 Power MOSFET in a DPAK package
September 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com