전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75833E-E 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC75833E-E
상세설명  1/3 Duty General-Purpose LCD Display Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75833E-E 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75833E-E Datasheet HTML 5Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 6Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 7Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 8Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 9Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 10Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 11Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 12Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Serial Data Transfer Examples
• At the LC75833E and LC75833W when 73 or more segments are used, at the LC75833JE when 64 or more segments
are used.
144 bits of serial data must be sent.
Note: At the LC75833JE, the display data D34 to D36, D67 to D72, D103 to D105 must be set to 0.
• At the LC75833E and LC75833W when used with less than 73 segments, at the LC75833JE when used with less than
64 segments.
Transfer either 48 bits or 96 bits of serial data depending on the number of segments used. However, the serial data
shown in the figure below (the display data D1 to D36 and the control data) must be sent.
Note: At the LC75833JE, the display data D34 to D36 must be set to 0.
Control Data Functions
1. P0 to P3: Segment output port/general-purpose output port switching control data.
These control data bits switch the S1/P1 to S8/P8 output pins between their segment output port and general-purpose
output port functions.
Note: Sn (n = 1 to 8): Segment output ports
Pn (n = 1 to 8): General-purpose output ports
No. 5580-9/19
LC75833E, 75833W, 75833JE
Control data
Output pin states
P0
P1
P2
P3
S1/P1
S2/P2
S3/P3
S4/P4
S5/P5
S6/P6
S7/P7
S8/P8
0
0
0
0
S1
S2
S3
S4
S5
S6
S7
S8
0
0
0
1
P1
S2
S3
S4
S5
S6
S7
S8
0
0
1
0
P1
P2
S3
S4
S5
S6
S7
S8
0
0
1
1
P1
P2
P3
S4
S5
S6
S7
S8
0
1
0
0
P1
P2
P3
P4
S5
S6
S7
S8
0
1
0
1
P1
P2
P3
P4
P5
S6
S7
S8
0
1
1
0
P1
P2
P3
P4
P5
P6
S7
S8
0
1
1
1
P1
P2
P3
P4
P5
P6
P7
S8
1
0
0
0
P1
P2
P3
P4
P5
P6
P7
P8
D1
D2
D3
D31 D32 D33
0
1
1
0
0
0
1
0
B0
B1
B2
B3
A0
A1
A2
A3
D34 D35 D36
0
0
0
P0
P1
P2
P3
DR
SC
BU
0
0
8 bits
48 bits
D37 D38 D39
D67 D68 D69
0
1
1
0
0
0
1
0
B0
B1
B2
B3
A0
A1
A2
A3
D70 D71 D72
0
0
0
0
0
0
0
0
0
0
0
1
D73 D74 D75
D103 D104 D105
0
1
1
0
0
0
1
0
B0
B1
B2
B3
A0
A1
A2
A3
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
A06556
D1
D2
D3
D31 D32 D33
0
1
1
0
0
0
1
0
B0
B1
B2
B3
A0
A1
A2
A3
D34 D35 D36
0
0
0
P0
P1
P2
P3
DR
SC
BU
0
0
8 bits
48 bits
A06557


유사한 부품 번호 - LC75833E-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC75833E-E ONSEMI-LC75833E-E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
More results

유사한 설명 - LC75833E-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com