전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD546 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD546
상세설명  1A Monolithic Electrometer Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD546 데이터시트(HTML) 2 Page - Analog Devices

  AD546_15 Datasheet HTML 1Page - Analog Devices AD546_15 Datasheet HTML 2Page - Analog Devices AD546_15 Datasheet HTML 3Page - Analog Devices AD546_15 Datasheet HTML 4Page - Analog Devices AD546_15 Datasheet HTML 5Page - Analog Devices AD546_15 Datasheet HTML 6Page - Analog Devices AD546_15 Datasheet HTML 7Page - Analog Devices AD546_15 Datasheet HTML 8Page - Analog Devices AD546_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD546–SPECIFICATIONS (@ +25 C and 15 V dc, unless otherwise noted)
REV. A
–2–
AD546J
AD546K
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT BIAS CURRENT
1
Either Input
VCM = 0 V
0.2
1
0.2
0.5
pA
Either Input
VCM = ± 10 V
0.1
1
0.2
0.5
pA
Either Input
@ TMAX
VCM = 0 V
40
20
pA
Either Input
VCM = ± 10 V
40
20
pA
Offset Current
VCM = 0 V
0.17
0.09
pA
Offset Current
@ TMAX
VCM = 0 V
13
7
pA
INPUT OFFSET
Initial Offset
21
pA
Offset @ TMAX
32
mV
vs. Temperature
20
20
µV/°C
vs. Supply
100
100
µV/V
vs. Supply
TMIN–TMAX
100
100
µV/V
Long-Term Stability
20
20
µV/Month
INPUT VOLTAGE NOISE
f = 0.1 Hz to 10 Hz
4
4
µV p-p
f = 10 Hz
90
90
nV/
√Hz
f = 100 Hz
60
60
nV/
√Hz
f
= 1 kHz
35
35
nV/
√Hz
f = 10 kHz
35
35
nV/
√Hz
INPUT CURRENT NOISE
f = 0.1 Hz to 10 Hz
1.3
1.3
fA rms
f = 1 kHz
0.4
0.4
fA/
√Hz
INPUT IMPEDANCE
Differential
VDIFF = ± 1 V
10
13 11013 1
Ω pF
Common Mode
VCM =
±10 V
10
15 0.8
10
15 0.8
Ω pF
OPEN LOOP GAIN
VO =
±10 V
RLOAD = 10 k
300
1000
300
1000
V/mV
TMIN–TMAX
VO = ± 10 V
RLOAD = 10 k
300
800
300
800
V/mV
VO =
±10 V
RLOAD = 2 kΩ
100
250
100
250
V/mV
TMIN–TMAX
VO =
±10 V
RLOAD = 2 k
80
200
80
200
V/mV
INPUT VOLTAGE RANGE
Differential
3
±20
±20
V
Common-Mode Voltage
–10
+10
–10
+10
V
Common-Mode Rejection Ratio
VCM =
±10 V
80
90
84
100
dB
TMIN to TMAX
76
80
76
80
dB
OUTPUT CHARACTERISTICS
Voltage
RLOAD = 10 k
–12
+12
–12
+12
V
RLOAD = 2 kΩ
–10
+10
–10
+10
V
Current
Short Circuit
15
20
35
15
20
35
mA
Load Capacitance Stability
Gain = +1
4000
4000
pF
OBSOLETE


유사한 부품 번호 - AD546_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD546J AD-AD546J Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546JN AD-AD546JN Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546K AD-AD546K Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546KN AD-AD546KN Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
More results

유사한 설명 - AD546_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD546 AD-AD546 Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA128 BURR-BROWN-OPA128 Datasheet
138Kb / 9P
   Difet Electrometer-Grade OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6510 SANYO-LA6510 Datasheet
68Kb / 4P
   1A Power Operational Amplifier
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
   MONOLITHIC OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
   20V, 1A, Rail-to-Rail Operational Amplifier
logo
Motorola, Inc
MC1741 MOTOROLA-MC1741 Datasheet
1Mb / 5P
   OPERATIONAL AMPLIFIER SILICON MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com