전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB10 데이터시트(PDF) 1 Page - Extech Instruments Corporation.

부품명 CB10
상세설명  AC Circuit Breaker Finder/Receptacle Tester
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXTECH [Extech Instruments Corporation.]
홈페이지  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

CB10 데이터시트(HTML) 1 Page - Extech Instruments Corporation.

  CB10_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
CB10 .............. Circuit Breaker Finder
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
Adjustable sensitivity for pinpointing
the correct breaker
7/16/08 - R1
Features:
Quickly locate 110V to 125VAC Circuit Breakers and Fuses
Variable Sensitivity adjustment to pinpoint correct circuit breaker
Bright Red and Green LED’s indicates if receptacle is correctly
wired or six fault conditions
Simply plug the GFCI Transmitter into an outlet and trace
for the correct breaker at the electrical box
Audible and visual circuit breaker indication
Transmitter and Receiver snap together for easy storage
Dims/Wt: Receiver: 6.4x2.2x1.5" (162x55x38)/4oz (113g);
Transmitter: 3.25x1.75x1" (83x44x25mm)/1.6oz (45g)
Complete with one Receiver, one GFCI Transmitter,
and 9V battery for the Receiver
GFCI Transmitter
Tests GFCI circuits
LED indication of 2 test conditions and 5 wiring faults
Tests Reversed/Open Connections
Lights indicate circuit condition
3-in-1 Tester
Circuit Breaker Finder, Circuit Tester, and GFCI Receptacle Tester.
Locates circuit breakers and tests receptacle wiring.
AC Circuit Breaker Finder/Receptacle Tester
Applications
• Locate branch circuit breakers without
flipping breakers to other circuits
• Confirm proper wiring during electrical
wiring installation or repair
• Test receptacle ground fault operation


유사한 부품 번호 - CB10_15

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
CB10210203B1 EATON-CB10210203B1 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
CB10210203B2 EATON-CB10210203B2 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
CB10210203B3 EATON-CB10210203B3 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
CB10210203B4 EATON-CB10210203B4 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
CB10210203B5 EATON-CB10210203B5 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
More results

유사한 설명 - CB10_15

제조업체부품명데이터시트상세설명
logo
Extech Instruments Corp...
CB10 EXTECH-CB10 Datasheet
240Kb / 1P
   AC Circuit Breaker Finder/Receptacle Tester
CB20 EXTECH-CB20 Datasheet
571Kb / 1P
   Circuit Breaker Finder/ Receptacle Tester
logo
Molex Electronics Ltd.
130127-0007 MOLEX2-130127-0007 Datasheet
44Kb / 1P
   Super-Safeway짰 Receptacle Tension Tester & Receptacle Tension Tester
logo
Tripp Lite. All Rights ...
CT120 TRIPPLITE-CT120 Datasheet
493Kb / 2P
   Instant-Read AC Outlet Circuit Tester with Diagnostic LEDs
logo
Good Will Instrument Co...
GCT-9040 GWINSTEK-GCT-9040 Datasheet
1Mb / 2P
   AC GROUND BOND TESTER
logo
Molex Electronics Ltd.
1301270007 MOLEX11-1301270007 Datasheet
32Kb / 1P
   Super-Safeway Receptacle Tension Tester & Receptacle Tension Tester in Carrying Case
1301270009 MOLEX11-1301270009 Datasheet
44Kb / 1P
   Super-Safeway Three Wire Circuit Tester, 3 Indicating Lights & Receptacle Tension Tester in Carrying Case
130127-0009 MOLEX11-130127-0009 Datasheet
51Kb / 1P
   Super-Safeway Three Wire Circuit Tester, 3 Indicating Lights & Receptacle Tension Tester in Carrying Case
130127-0007 MOLEX11-130127-0007 Datasheet
40Kb / 1P
   Super-Safeway Receptacle Tension Tester & Receptacle Tension Tester in Carrying Case
1301270007 MOLEX1-1301270007_17 Datasheet
32Kb / 1P
   Super-Safeway Receptacle Tension Tester Receptacle Tension Tester in Carrying Case
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com