전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-Q105A 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 HLMP-Q105A
상세설명  SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-Q105A 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  HLMP-Q105A Datasheet HTML 1Page - Fairchild Semiconductor HLMP-Q105A Datasheet HTML 2Page - Fairchild Semiconductor HLMP-Q105A Datasheet HTML 3Page - Fairchild Semiconductor HLMP-Q105A Datasheet HTML 4Page - Fairchild Semiconductor HLMP-Q105A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0
0.5
0
500
550
600
650
700
750
90
VF - FORWARD VOLTAGE (V)
WAVELENGTH (nm)
Fig. 1 Forward Current vs. Forward Voltage
40
50
60
70
80
30
20
10
0
1.0
2.0
3.0
4.0
5.0
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity vs.
DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
0
5
10
15
YELLOW
GREEN
AlGaAs RED
HER
HER
AlGaAs
RED
HER
YELLOW
GREEN
AlGaAs
RED
GREEN
YELLOW
TYPICAL PERFORMANCE CURVES (TA =25°C)
SUBMINIATURE T-3/4 LED
DIFFUSED and CLEAR LAMPS
DS300000
2/27/01
3 OF 5
www.fairchildsemi.com


유사한 부품 번호 - HLMP-Q105A

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-Q105A QT-HLMP-Q105A Datasheet
39Kb / 4P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Fairchild Semiconductor
HLMP-Q105A FAIRCHILD-HLMP-Q105A Datasheet
519Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Everlight Electronics C...
HLMP-Q105A EVERLIGHT-HLMP-Q105A Datasheet
524Kb / 6P
   SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Fairchild Semiconductor
HLMP-Q105A FAIRCHILD-HLMP-Q105A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMP-Q105A FAIRCHILD-HLMP-Q105A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
More results

유사한 설명 - HLMP-Q105A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HLMP-6305A FAIRCHILD-HLMP-6305A Datasheet
519Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
HLMPQ155AGR FAIRCHILD-HLMPQ155AGR Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMPQ155A FAIRCHILD-HLMPQ155A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
QT Optoelectronics
HLMP-6305A QT-HLMP-6305A Datasheet
39Kb / 4P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Fairchild Semiconductor
HLMPQ106AYR FAIRCHILD-HLMPQ106AYR Datasheet
111Kb / 5P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Everlight Electronics C...
HLMP-6305A EVERLIGHT-HLMP-6305A Datasheet
524Kb / 6P
   SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD5152 CML-CMD5152 Datasheet
66Kb / 1P
   T-1 3/4 Clear Lens LED Lamps
logo
QT Optoelectronics
MR5000 QT-MR5000 Datasheet
145Kb / 3P
   SUBMINIATURE T-3/4 RESISTOR LAMPS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com