전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1847 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD1847
상세설명  Serial-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1847 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD1847_15 Datasheet HTML 2Page - Analog Devices AD1847_15 Datasheet HTML 3Page - Analog Devices AD1847_15 Datasheet HTML 4Page - Analog Devices AD1847_15 Datasheet HTML 5Page - Analog Devices AD1847_15 Datasheet HTML 6Page - Analog Devices AD1847_15 Datasheet HTML 7Page - Analog Devices AD1847_15 Datasheet HTML 8Page - Analog Devices AD1847_15 Datasheet HTML 9Page - Analog Devices AD1847_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD1847
REV. B
–6–
PIN DESCRIPTIONS
Parallel Interface
Pin Name
PLCC
TQFP
I/O
Description
SCLK
1
39
I/O
Serial Clock. SCLK is a bidirectional signal that supplies the clock as an output to the
serial bus when the Bus Master (BM) pin is driven HI and accepts the clock as an input
when the BM pin is driven LO. The serial clock output is fixed at 12.288 MHz when
XTAL1 is selected, and 11.2896 MHz when XTAL2 is selected. SCLK runs continu-
ously. An AD1847 should always be configured as the serial bus master unless it is a slave
in a daisy-chained multiple codec system.
SDFS
6
44
I/O
Serial Data Frame Sync. SDFS is a bidirectional signal that supplies the frame synchroni-
zation signal as an output to the serial bus when the Bus Master (BM) pin is driven HI
and accepts the frame synchronization signal as an input when the BM pin is driven LO.
The SDFS frequency powers up at one half of the AD1847 sample rate (i.e., FRS bit = 0)
with two samples per frame and can be programmed to match the sample rate (i.e., FRS
bit = 1) with one sample per frame. An AD1847 should always be configured as the serial
bus master unless it is a slave in a daisy-chained multiple codec system.
SDI
4
42
I
Serial Data Input. SDI is used by peripheral devices such as the host CPU or a DSP to
supply control and playback data information to the AD1847. All control and playback
transfers are 16 bits long, MSB first.
SDO
5
43
O
Serial Data Output. SDO is used to supply status/index readback and capture data infor-
mation to peripheral devices such as the host CPU or a DSP. All status/index readback
and capture data transfers are 16 bits long, MSB first. Three-state output driver.
RESET
11
5
I
Reset. The RESET signal is active LO. The assertion of this signal will initialize the
on-chip registers to their default values. See the “Control Register Definitions” section for
a description of the contents of the control registers after RESET is deasserted.
PWRDOWN
12
6
I
Powerdown. The PWRDOWN signal is active LO. The assertion of this signal will reset
the on-chip control registers (identically to the RESET signal) and will also place the
AD1847 in a low power consumption mode. VREF and all analog circuitry are disabled.
BM
33
27
I
Bus Master. The assertion (HI) of this signal indicates that the AD1847 is the serial bus
master. The AD1847 will then supply the serial clock (SCLK) and the frame sync (SDFS)
signals for the serial bus. One and only one AD1847 should always be configured as the
serial bus master. If BM is connected to logic LO, the AD1847 is configured as a bus
slave, and will accept the SCLK and SDFS signals as inputs. An AD1847 should only be
configured as a serial bus slave when an AD1847 serial bus master already exists, in
daisy-chained multiple codec systems.
TSO
7
1
O
Time Slot Output. This signal is asserted HI by the AD1847 coincidentally with the LSB
of the last time slot used by the AD1847. Used in daisy-chained multiple codec systems.
TSI
8
2
I
Time Slot Input. The assertion of this signal indicates that the AD1847 should immedi-
ately use the next three time slots (TSSEL = 1) or the next six time slots (TSSEL = 0)
and then activate the TSO pin to enable the next device down the TDM chain. TSI
should be driven LO when the AD1847 is the bus master or in single codec systems. Used
in daisy-chained multiple codec systems.
CLKOUT
44
38
O
Clock Output. This signal is the buffered version of the crystal clock output and the fre-
quency is dependent on which crystal is selected. This pin can be three-stated by driving
the BM pin LO or by programming the CLKTS bit in the Pin Control Register. See the
“Control Registers” section for more details. The CLKOUT frequency is 12.288 MHz
when XTAL1 is selected and 16.9344 MHz when XTAL2 is selected.
Analog Signals
Pin Name
PLCC
TQFP
I/O
Description
L_LINE1
23
17
I
Left Line Input #1. Line level input for the #1 left channel.
R_LINE1
17
11
I
Right Line Input #1. Line level input for the #1 right channel.
L_LINE2
22
16
I
Left Line Input #2. Line level input for the #2 left channel.
R_LINE2
18
12
I
Right Line Input #2. Line level input for the #2 right channel.
L_AUX1
26
20
I
Left Auxiliary Input #1. Line level input for the AUX1 left channel.
R_AUX1
27
21
I
Right Auxiliary Input #1. Line level input for the AUX1 right channel.
L_AUX2
32
26
I
Left Auxiliary Input #2. Line level input for the AUX2 left channel.
R_AUX2
31
25
I
Right Auxiliary Input #2. Line level input for the AUX2 right channel.
L_OUT
30
24
O
Left Line Output. Line level output for the left channel.
R_OUT
28
22
O
Right Line Output. Line level output for the right channel.
OBSOLETE


유사한 부품 번호 - AD1847_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1847JP AD-AD1847JP Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847JST AD-AD1847JST Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results

유사한 설명 - AD1847_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com