전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADDC02808PB 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADDC02808PB
상세설명  28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADDC02808PB 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADDC02808PB_15 Datasheet HTML 6Page - Analog Devices ADDC02808PB_15 Datasheet HTML 7Page - Analog Devices ADDC02808PB_15 Datasheet HTML 8Page - Analog Devices ADDC02808PB_15 Datasheet HTML 9Page - Analog Devices ADDC02808PB_15 Datasheet HTML 10Page - Analog Devices ADDC02808PB_15 Datasheet HTML 11Page - Analog Devices ADDC02808PB_15 Datasheet HTML 12Page - Analog Devices ADDC02808PB_15 Datasheet HTML 13Page - Analog Devices ADDC02808PB_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADDC02808PB
REV. 0
–10–
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME – µs
Figure 25. Predicted Response for 24 A Step Load Change,
di/dt = 12 A/
µs, with Factory Set Internal Compensation
Optimized for CLOAD = 4,000 µF and RESR = 2.5 mΩ
RESPONSE AT END OF PULSE
The previous section describes how the ADDC02808PB
converter responds to the positive step change in load current
that occurs at the beginning of a power pulse. This section will
discuss the converter’s response at the end of the power pulse
when the load current is abruptly returned to a small value.
Figures 26-29 show the converter’s measured output voltage as
the load current is stepped from 25 A down to 4 A, 2 A, 1 A, and
0.1 A, respectively. The load capacitance is 1,000
µF with
100mV
10
0%
100
90
100µs
VO
Figure 26. Output Voltage Transient Response to a 25 A
to 4 A Step Change in Load, di/dt/ = 12 A/
µs, with 1,000 µF
Load Capacitance (RESR = 10 mΩ)
100mV
10
0%
100
90
100µs
VO
Figure 27. Output Voltage Transient Response to a 25 A
to 2 A Step Change in Load, di/dt/ = 12 A/
µs, with 1,000 µF
Load Capacitance (RESR = 10 mΩ)
RESR = 10 mΩ. The di/dt is 12 A/µs. As can be seen, the peak
deviations for these curves are close to each other and
comparable to the negative deviation shown in Figure 6 for
a similarly sized positive step change in load current.
100mV
10
0%
100
90
100µs
VO
Figure 28. Output Voltage Transient Response to a 25 A
to 1 A Step Change in Load, di/dt/ = 12 A/
µs, with
1,000
µF Load Capacitance (R
ESR = 10 mΩ)
100mV
10
0%
100
90
1ms
VO
Figure 29. Output Voltage Transient Response to a 25 A
to 0.1 A Step Change in Load, di/dt/ = 12 A/
µs, with
1,000
µF Load Capacitance (R
ESR = 10 mΩ)
What is different about these curves is the settling time. Once
the converter’s output voltage rises above nominal, the
converter cannot help to discharge the load capacitor. It can
only reduce its output current to zero; it cannot draw a negative
current. As such, the time it takes to bring the output voltage
back down to its nominal value depends on the load current
during the low load portion of the cycle. The rate at which the
output voltage falls to its nominal value is the load current
divided by the load capacitance (including the 150
µF
capacitance that is inside the converter). The smaller the load
current, the longer it takes to get the output voltage back to its
nominal value.
During the time that the output voltage is too high, the
integrator in the converter’s feedback circuitry is continuing to
ramp out of range. As the output voltage then falls below its
nominal value, it must have an undershoot error to bring the
integrator back into range. As can be seen from these figures,
the lower the load current, the longer the output voltage
remains too high, and the longer and the greater the output
voltage undershoot is.
Even when the load current steps down to 0.1 A, the maximum
deviation of the output voltage is only about 400 mV, or 5%.
However, it is important to realize that if the next power pulse
occurs before this transient is over, then the output voltage will
OBSOLETE


유사한 부품 번호 - ADDC02808PB_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADDC02808PBKV AD-ADDC02808PBKV Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
ADDC02808PBTV AD-ADDC02808PBTV Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
ADDC02808PBTV/QMLH AD-ADDC02808PBTV/QMLH Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
More results

유사한 설명 - ADDC02808PB_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
logo
Delta Electronics, Inc.
DVETR2800D DELTA-DVETR2800D Datasheet
275Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com