전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD547 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD547
상세설명  High Performance, BiFET Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD547 데이터시트(HTML) 2 Page - Analog Devices

  AD547_15 Datasheet HTML 1Page - Analog Devices AD547_15 Datasheet HTML 2Page - Analog Devices AD547_15 Datasheet HTML 3Page - Analog Devices AD547_15 Datasheet HTML 4Page - Analog Devices AD547_15 Datasheet HTML 5Page - Analog Devices AD547_15 Datasheet HTML 6Page - Analog Devices AD547_15 Datasheet HTML 7Page - Analog Devices AD547_15 Datasheet HTML 8Page - Analog Devices AD547_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD542
AD544
AD547
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OPEN-LOOP GAIN
1
VOUT =
±10 V, R
L = 2 k
J Grade
100
30
100
V/mV
K, L, S Grades
250
50
250
V/mV
TA = TMIN to TMAX
J Grade
100
20
100
V/mV
S Grade
100
20
100
V/mV
K, L Grades
250
40
250
V/mV
OUTPUT CHARACTERISTICS
RL = 2 k
TA = TMIN to TMAX
±10
±12
±10
±12
±10
±12
V
RL = 10 k
TA = TMIN to TMAX
±12
±13
±12
±13
±12
±13
V
Short Circuit Current
25
25
25
mA
FREQUENCY RESPONSE
Unity Gain, Small Signal
1.0
2.0
1.0
MHz
Full Power Response
50
200
50
kHz
Slew Rate, Unity Gain
2.0
3.0
8.0
13.0
2.0
3.0
V/
µs
Total Harmonic Distortion
0.0025
%
INPUT OFFSET VOLTAGE
2
J Grade
2.0
2.0
1.0
mV
K Grade
1.0
1.0
0.5
mV
L Grade
0.5
0.5
0.25
mV
S Grade
1.0
1.0
0.5
mV
vs. Temperature
3
J Grade
20
20
5
µV/°C
K Grade
10
10
2
µV/°C
L Grade
551
µV/°C
S Grade
15
15
5
µV/°C
vs. Supply, TA = TMIN to TMAX
J Grade
200
200
200
µV/V
K, L, S Grades
100
100
100
µV/V
INPUT BIAS CURRENT
4
Either Input
J Grade
50
50
50
pA
K, L, S Grades
10
25
10
25
10
25
pA
Input Offset Current
J Grade
5
15
5
15
5
15
pA
K, L, S Grades
2
15
2
15
2
15
pA
INPUT IMPEDANCE
Differential
10
12 61012 61012 6
Ω pF
Common Mode
10
12 31012 31012 3
Ω pF
INPUT VOLTAGE
5
Differential
±20
±20
±20
V
Common Mode
±10
±12
±10
±12
±10
±12
V
Common-Mode Rejection
VIN = ± 10 V
J Grade
76
76
76
dB
K, L, S Grades
80
80
80
dB
AD542/AD544/AD547–SPECIFICATIONS
REV. B
–2–
( VS =
15 V @ TA = +25 C unless otherwise noted)
OBSOLETE


유사한 부품 번호 - AD547_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD547JH AD-AD547JH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547KH AD-AD547KH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547LH AD-AD547LH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547SCHIPS AD-AD547SCHIPS Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
More results

유사한 설명 - AD547_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD544 AD-AD544_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD542 AD-AD542_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com